Electronic Components Datasheet Search
  English  ▼

X  

MPC9608 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # MPC9608
Description  1:10 LVCMOS Zero Delay Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9608 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button MPC9608 Datasheet HTML 3Page - Renesas Technology Corp MPC9608 Datasheet HTML 4Page - Renesas Technology Corp MPC9608 Datasheet HTML 5Page - Renesas Technology Corp MPC9608 Datasheet HTML 6Page - Renesas Technology Corp MPC9608 Datasheet HTML 7Page - Renesas Technology Corp MPC9608 Datasheet HTML 8Page - Renesas Technology Corp MPC9608 Datasheet HTML 9Page - Renesas Technology Corp MPC9608 Datasheet HTML 10Page - Renesas Technology Corp MPC9608 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MPC9608 REVISION 4 MARCH 15, 2016
7
©2016 Integrated Device Technology, Inc.
MPC9608 Data Sheet
1:10 LVCMOS ZERO DELAY CLOCK BUFFER
Due to the statistical nature of I/O jitter, an RMS value (1
)
is specified. I/O jitter numbers for other confidence factors
(CF) can be derived from Table 8.
The feedback trace delay is determined by the board
layout and can be used to fine-tune the effective delay
through each device. In the following example calculation a
I/O jitter confidence factor of 99.7% (
 3) is assumed,
resulting in a worst case timing uncertainty from input to any
output of -295 ps to 295 ps(1) relative to CCLK:
tSK(PP) = [-100 ps...100 ps] + [-150 ps...150 ps] +
[(15 ps -3)...(15 ps 3)] + tPD, LINE(FB)
tSK(PP) = [-295 ps...295 ps] + tPD, LINE(FB)
Driving Transmission Lines
The MPC9608 clock driver was designed to drive high
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user the output driv-
ers were designed to exhibit the lowest impedance possible.
With an output impedance of less than 20
 the drivers can
drive either parallel or series terminated transmission lines.
For more information on transmission lines the reader is re-
ferred to Freescale Semiconductor application note AN1091.
In most high performance clock networks point-to-point distri-
bution of signals is the method of choice. In a point-to-point
scheme either series terminated or parallel terminated trans-
mission lines can be used. The parallel technique terminates
the signal at the end of the line with a 50
 resistance to
VCC  2.
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each
output of the MPC9608 clock driver. For the series terminated
case however there is no DC current draw, thus the outputs
can drive multiple series terminated lines. Figure 5 illustrates
an output driving a single series terminated line versus two
series terminated lines in parallel. When taken to its extreme,
the fanout of the MPC9608 clock driver is effectively doubled
due to its capability to drive multiple lines.
Figure 5. Single versus Dual Transmission Lines
The waveform plots in Figure 6. Single versus Dual
Waveforms show the simulation results of an output driving a
single line versus two lines. In both cases the drive capability
of the MPC9608 output buffer is more than sufficient to drive
50
 transmission lines on the incident edge. From the delay
measurements in the simulations a delta of only 43 ps exists
between the two differently loaded outputs. This suggests
that the dual line driving need not be used exclusively to
maintain the tight output-to-output skew of the MPC9608.
The output waveform in Figure 6. Single versus Dual
Waveforms shows a step in the waveform. This step is
caused by the impedance mismatch seen looking into the
driver. The parallel combination of the 36
 series resistor
plus the output impedance does not match the parallel
combination of the line impedances. The voltage wave
launched down the two lines will equal:
VL =VS (Z0  (RS +R0 +Z0))
Z0 =50  || 50 
RS =36  || 36 
R0 =14 
VL = 3.0 (25  (18 + 17 + 25))
=1.31 V
At the load end the voltage will double to 2.6 V due to the
near unity reflection coefficient. It will then increment towards
the quiescent 3.0 V in steps separated by one round trip delay
(in this case 4.0 ns).
Table 8. Confidence Factor CF
CF
Probability of clock edge within the distribution
 1
0.68268948
 2
0.95449988
 3
0.99730007
 4
0.99993663
 5
0.99999943
 6
0.99999999
1. Skew data are designed targets and pending device specifications.
14
IN
MPC9608
Output
Buffer
RS = 36 
ZO = 50 
OutA
14
IN
MPC9608
Output
Buffer
RS = 36 
ZO = 50 
OutB0
RS = 36 
ZO = 50 
OutB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com