Electronic Components Datasheet Search
  English  ▼

X  

MPC9608 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # MPC9608
Description  1:10 LVCMOS Zero Delay Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9608 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button MPC9608 Datasheet HTML 5Page - Renesas Technology Corp MPC9608 Datasheet HTML 6Page - Renesas Technology Corp MPC9608 Datasheet HTML 7Page - Renesas Technology Corp MPC9608 Datasheet HTML 8Page - Renesas Technology Corp MPC9608 Datasheet HTML 9Page - Renesas Technology Corp MPC9608 Datasheet HTML 10Page - Renesas Technology Corp MPC9608 Datasheet HTML 11Page - Renesas Technology Corp MPC9608 Datasheet HTML 12Page - Renesas Technology Corp MPC9608 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MPC9608 REVISION 4 MARCH 15, 2016
9
©2016 Integrated Device Technology, Inc.
MPC9608 Data Sheet
1:10 LVCMOS ZERO DELAY CLOCK BUFFER
Figure 9. Output-to-Output Skew tSK(O)
The pin-to-pin skew is defined as the worst case difference in propagation delay between
any similar delay path within a single device.
VCC
VCC 2
GND
VCC
VCC 2
GND
tSK(O)
VCC
VCC  2
GND
VCC
VCC 2
GND
t()
CCLK
FB_IN
Figure 10. Propagation Delay (tPD, static phase offset)
Test Reference
The time from the PLL controlled edge to the non controlled edge, divided by the time between
PLL controlled edges, expressed as a percentage.
VCC
VCC2
GND
tP
T0
DC = tP/T0 x 100%
Figure 11. Output Duty Cycle (DC)
Figure 12. I/O Jitter
The deviation in t0 for a controlled edge with respect to a t0 mean in a random sample
of cycles.
TJIT() = |T0 - T1 mean|
CCLK
FB_IN
Figure 13. Cycle-to-Cycle Jitter
The variation in cycle time of a signal between adjacent cycles, over a random sample of
adjacent cycle pairs.
TN
TJIT(CC) = |TN -TN + 1|
TN + 1
Figure 14. Period Jitter
The deviation in cycle time of a signal with respect to the ideal period over a random sample
of cycles.
TJIT(PER) = |TN - 1/f0|
T0
Figure 15. Output Transition Time Test Reference
tF
tR
VCC =3.3 V
2.4
0.55
Figure 16. Setup and Hold Time (ts, tH) Test Reference
VCC
GND
ts
CCLK
CLK_STOP
VCC
GND
tH
VCC 2
VCC 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com