Electronic Components Datasheet Search
  English  ▼

X  

MPC9608 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # MPC9608
Description  1:10 LVCMOS Zero Delay Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9608 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button MPC9608 Datasheet HTML 4Page - Renesas Technology Corp MPC9608 Datasheet HTML 5Page - Renesas Technology Corp MPC9608 Datasheet HTML 6Page - Renesas Technology Corp MPC9608 Datasheet HTML 7Page - Renesas Technology Corp MPC9608 Datasheet HTML 8Page - Renesas Technology Corp MPC9608 Datasheet HTML 9Page - Renesas Technology Corp MPC9608 Datasheet HTML 10Page - Renesas Technology Corp MPC9608 Datasheet HTML 11Page - Renesas Technology Corp MPC9608 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MPC9608 REVISION 4 MARCH 15, 2016
8
©2016 Integrated Device Technology, Inc.
MPC9608 Data Sheet
1:10 LVCMOS ZERO DELAY CLOCK BUFFER
Since this step is well above the threshold region, it will
not cause any false clock triggering; however, designers may
be uncomfortable with unwanted reflections on the line. To
better match the impedances when driving multiple lines the
situation in Figure 7. Optimized Dual Line Termination should
be used. In this case the series terminating resistors are re-
duced such that when the parallel combination is added to
the output buffer impedance the line impedance is perfectly
matched.
Figure 6. Single versus Dual Waveforms
Time (nS)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
101214
OutB
tD = 3.9386
OutA
tD = 3.8956
In
Figure 7. Optimized Dual Line Termination
14
MPC9608
Output
Buffer
RS = 22 
ZO = 50 
RS = 22 
ZO = 50 
14
 + 22  22  = 50  50 
25
 = 25 
Figure 8. CCLK MPC9608 AC Test Reference for VCC = 3.3 V
Pulse
Generator
Z = 50
RT = 50 
ZO = 50 
RT = 50 
ZO = 50 
MPC9608 DUT
VTT
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com