Electronic Components Datasheet Search
  English  ▼

X  

MPC9658 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9658 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9658 Datasheet HTML 1Page - Renesas Technology Corp MPC9658 Datasheet HTML 2Page - Renesas Technology Corp MPC9658 Datasheet HTML 3Page - Renesas Technology Corp MPC9658 Datasheet HTML 4Page - Renesas Technology Corp MPC9658 Datasheet HTML 5Page - Renesas Technology Corp MPC9658 Datasheet HTML 6Page - Renesas Technology Corp MPC9658 Datasheet HTML 7Page - Renesas Technology Corp MPC9658 Datasheet HTML 8Page - Renesas Technology Corp MPC9658 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MPC9658 REVISION 6 JANUARY 8, 2013
4
©2013 Integrated Device Technology, Inc.
MPC9658 Data Sheet
3.3V 1:10 LVCMOS PLL CLOCK GENERATOR
Table 4. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC  2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch-Up Immunity
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per output
CIN
Input Capacitance
4.0
pF
Inputs
JA
LQFP 32 Thermal resistance junction to ambient
JESD 51-3, single layer test board
JESD 51-6, 2S2P multilayer test board
83.1
73.3
68.9
63.8
57.4
59.0
54.4
52.5
50.4
47.8
86.0
75.4
70.9
65.3
59.6
60.6
55.7
53.8
51.5
48.8
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
Natural
convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
Natural
convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
JC
LQFP 32 Thermal resistance junction to case
23.0
26.3
C/W
MIL-SPEC 883E
Method 1012.1
Table 5. DC Characteristics (VCC = 3.3 V ± 5%, TA = 0°C to 70°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
VPP
Peak-to-Peak Input Voltage
(PCLK)
250
mV
LVPECL
VCMR(1)
1. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (DC) specification.
Common Mode Range
(PCLK)
1.0
VCC –0.6
V
LVPECL
VOH
Output High Voltage
2.4
V
IOH = –24 mA(2)
2. The MPC9658 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines.
VOL
Output Low Voltage(3)
3. The MPC9658 output levels are compatible to the MPC958 output levels.
0.55
0.30
V
V
IOL = 24 mA
IOL = 12 mA
ZOUT
Output Impedance
14 – 17
IIN
Input Current(4)
4. Inputs have pull-down resistors affecting the input current.
200
A
VIN = VCC or GND
ICC_PLL Maximum PLL Supply Current
12
20
mA
VCC_PLL Pin
ICCQ
Maximum Quiescent Supply Current
13
20
mA
All VCC Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com