Electronic Components Datasheet Search
  English  ▼

X  

MPC9658 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # MPC9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9658 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button MPC9658 Datasheet HTML 4Page - Renesas Technology Corp MPC9658 Datasheet HTML 5Page - Renesas Technology Corp MPC9658 Datasheet HTML 6Page - Renesas Technology Corp MPC9658 Datasheet HTML 7Page - Renesas Technology Corp MPC9658 Datasheet HTML 8Page - Renesas Technology Corp MPC9658 Datasheet HTML 9Page - Renesas Technology Corp MPC9658 Datasheet HTML 10Page - Renesas Technology Corp MPC9658 Datasheet HTML 11Page - Renesas Technology Corp MPC9658 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MPC9658 REVISION 6 JANUARY 8, 2013
8
©2013 Integrated Device Technology, Inc.
MPC9658 Data Sheet
3.3V 1:10 LVCMOS PLL CLOCK GENERATOR
Figure 6. Single versus Dual Transmission Lines
The waveform plots in Figure 7 show the simulation
results of an output driving a single line versus two lines. In
both cases the drive capability of the MPC9658 output buffer
is more than sufficient to drive 50
 transmission lines on the
incident edge. Note from the delay measurements in the
simulations a delta of only 43 ps exists between the two
differently loaded outputs. This suggests that the dual line
driving need not be used exclusively to maintain the tight
output-to-output skew of the MPC9658. The output waveform
in Figure 7 shows a step in the waveform. This step is caused
by the impedance mismatch seen looking into the driver. The
parallel combination of the 36
 series resistor plus the
output impedance does not match the parallel combination of
the line impedances. The voltage wave launched down the
two lines will equal:
VL =VS (Z0  (RS+R0 +Z0))
Z0 =50  || 50 
RS =36  || 36 
R0 =14 
VL = 3.0 (25 (18+14+25)
=1.31 V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.6 V. It will then increment
towards the quiescent 3.0 V in steps separated by one round
trip delay (in this case 4.0 ns).
Figure 7. Single versus Dual Waveforms
Since this step is well above the threshold region it will not
cause any false clock triggering. However, designers may be
uncomfortable with unwanted reflections on the line. To better
match the impedances when driving multiple lines, the
situation in Figure 8 should be used. In this case, the series
terminating resistors are reduced such that, when the
parallel combination is added to the output buffer impedance,
the line impedance is perfectly matched.
Figure 8. Optimized Dual Line Termination
Figure 9. PCLK MPC9658 AC Test Reference
14
In
MPC958
Output
Buffer
RS = 36 
ZO = 50 
OutA
14
In
MPC958
Output
Buffe
RS = 36 
ZO = 50 
OutB0
RS = 36 
ZO = 50 
OutB1
Time (ns)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In
14
MPC958
Output
Buffe
RS = 22 
ZO = 50 
RS = 22 
ZO = 50 
14
+ 22  || 22 = 50  || 50 
25
 = 25 
Pulse
Generator
Z = 50
RT = 50 
ZO = 50 
RT = 50 
ZO = 50 
MPC9658 DUT
VTT
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com