Electronic Components Datasheet Search
  English  ▼

X  

AS2333 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AS2333
Description  1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2333 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AS2333 Datasheet HTML 4Page - Diodes Incorporated AS2333 Datasheet HTML 5Page - Diodes Incorporated AS2333 Datasheet HTML 6Page - Diodes Incorporated AS2333 Datasheet HTML 7Page - Diodes Incorporated AS2333 Datasheet HTML 8Page - Diodes Incorporated AS2333 Datasheet HTML 9Page - Diodes Incorporated AS2333 Datasheet HTML 10Page - Diodes Incorporated AS2333 Datasheet HTML 11Page - Diodes Incorporated AS2333 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AS2333
Document number: DS42770 Rev. 3 - 2
8 of 16
www.diodes.com
January 2021
© Diodes Incorporated
AS2333
Application Information
Overview
The AS2333 is low-power, zero-drift, high-precision, rail-to-rail input and output operational amplifier, which adopts chopper-stabilized function
circuits to provide the advantage of minimizing input offset voltage and offset voltage drift over time and temperature. Its input common-mode
voltage range extends 0.1V beyond the supply rails to allow for sensing near ground or system VDD. The device operates from a single-supply
voltage as low as 1.8V, is unity-gain stable, has no 1/f noise, and has good PSRR and CMRR performance. These features make the AS2333
suitable for a wide range of general-purpose applications, especially for low-power and high-precision applications.
Low Input Referred Noise
The device AS2333 is chopper-stabilized amplifier, which greatly reduces the flicker noise. The zero-drift chopper-stabilized amplifiers are
especially suited for accurate, high-gain amplification at lower frequencies. In general, they do not exhibit the higher bandwidth of linear
operational amplifiers, and the location of their clock frequency establishes a practical frequency limit on signal fidelity. This makes performance at
low frequencies especially important, and the chopper-stabilized architecture further contributes to low-frequency usefulness by eliminating the
classic linear operational amplifier 1/f input voltage noise. Many high-gain sensor applications are at low frequencies, making zero-drift amplifiers a
natural choice for this function.
The below graphs compare the voltage noise density behaviors of conventional amplifiers and zero-drift amplifiers. The 1/f noise elimination in
zero-drift amplifiers allow the AS2333 to have much lower noise at DC and low frequencies compared to the conventional low-noise amplifiers.
100
1k
10k
1n
10n
100n
1μ
V
CC = 5.0V, VEE = 0V, AV = 1
Frequency (Hz)
100
1k
10k
1
10
100
1000
Frequency (Hz)
Figure 1. Input Voltage Noise in Conventional Amplifier (AZV832)
Figure 2. Input Voltage Noise in Zero-Drift Amplifier (AS2333)
Driving a Capacitive Load
The AS2333 can directly drive 200pF in unity-gain without oscillation. The unity-gain follower is the most sensitive configuration to capacitive
loading. Capacitive loading directly on the output terminal can decrease the device’s phase margin, leading to high-frequency ringing or oscillation.
To drive a heavier capacitive load, the circuit in Figure 3 can be used. The resistor RNULL and CL form a pole to increase stability by adding more
phase margin to the system. The bigger the RNULL resistor value, the more stable VOUT is. Figure 4 and Figure 5 show the AS2333’s output pulse
response waveforms with and without RNULL 330Ω for load conditions CL = 470pF and RL = 10kΩ.
1μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com