Electronic Components Datasheet Search
  English  ▼

X  

AS2333 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AS2333
Description  1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2333 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AS2333 Datasheet HTML 7Page - Diodes Incorporated AS2333 Datasheet HTML 8Page - Diodes Incorporated AS2333 Datasheet HTML 9Page - Diodes Incorporated AS2333 Datasheet HTML 10Page - Diodes Incorporated AS2333 Datasheet HTML 11Page - Diodes Incorporated AS2333 Datasheet HTML 12Page - Diodes Incorporated AS2333 Datasheet HTML 13Page - Diodes Incorporated AS2333 Datasheet HTML 14Page - Diodes Incorporated AS2333 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AS2333
Document number: DS42770 Rev. 3 - 2
11 of 16
www.diodes.com
January 2021
© Diodes Incorporated
AS2333
Ordering Information
AS2333 X - X
Package
Packing
S : SO-8
M8 : MSOP-8
FGE : U-DFN3030-8
(Type E)
7/13 : Tape & Reel
Part Number
Identification
Code
Packaging
Tape and Reel
Quantity
Part Number Suffix
AS2333S-13
AS2333
SO-8
2500/Tape & Reel
-13
AS2333M8-13
AS2333
MSOP-8
2500/Tape & Reel
-13
AS2333FGE-7
ND
U-DFN3030-8 (Type E)
3000/Tape & Reel
-7
Marking Information
(1) SO-8
AS2333
(Top View)
YY WW XX
WW : Week : 01~52; 52
YY : Year : 19, 20, 21~
X X : Internal Code
8
7
6
5
1
2
3
4
represents 52 and 53 week
: Logo
AS2333 : Identification Code
(2) MSOP-8
AS2333
(Top View)
Y W X
8
7
6
5
1
2
3
4
Y : Year : 0 to 9
X : Internal Code
a to z : 27 to 52 week; z represents
W : Week : A to Z : 1 to 26 week;
52 and 53 week
: Logo
AS2333 : Identification Code
(3) U-DFN3030-8 (Type E)
(Top View)
Y W X
ND
ND : Identification Code
X : Internal Code
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com