Electronic Components Datasheet Search
  English  ▼

X  

AS2333 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AS2333
Description  1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2333 Datasheet(HTML) 3 Page - Diodes Incorporated

  AS2333 Datasheet HTML 1Page - Diodes Incorporated AS2333 Datasheet HTML 2Page - Diodes Incorporated AS2333 Datasheet HTML 3Page - Diodes Incorporated AS2333 Datasheet HTML 4Page - Diodes Incorporated AS2333 Datasheet HTML 5Page - Diodes Incorporated AS2333 Datasheet HTML 6Page - Diodes Incorporated AS2333 Datasheet HTML 7Page - Diodes Incorporated AS2333 Datasheet HTML 8Page - Diodes Incorporated AS2333 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AS2333
Document number: DS42770 Rev. 3 - 2
3 of 16
www.diodes.com
January 2021
© Diodes Incorporated
AS2333
Absolute Maximum Ratings (Note 4) (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VS = V+ - V-
Supply Voltage Range
6.5
V
V-IN / V+IN
Signal Input Terminals (Note 5)
V- - 0.3V to V+ + 0.3V
V
—
Signal Input Terminals (Note 5)
-1 to +1
mA
Output Short-Circuit (Note 6)
Continuous
mA
TSTG
Storage Temperature
-65 to +150
°C
TJ
Maximum Junction Temperature
+150
°C
TLEAD
Lead Temperature (Soldering, 10 Seconds)
+260
°C
RθJA
Junction-to-Ambient Thermal Resistance
SO-8
139
°C/W
MSOP-8
184
°C/W
U-DFN3030-8 (Type E)
—
°C/W
RθJC
Junction-to-Case Thermal Resistance
SO-8
25
°C/W
MSOP-8
18
°C/W
U-DFN3030-8 (Type E)
—
°C/W
ESD HBM
Human Body Model ESD Protection
4
kV
ESD CDM
Charged-Device Model ESD Protection
1
kV
Notes:
4. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the
Electrical Characteristics.
5. Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3V beyond the supply rails should be current
limited to 10mA or less.
6. Short-circuit to ground.
Recommended Operating Conditions (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VS = V+ - V-
Supply Voltage Range
1.8 to 5.5
V
TA
Operating Ambient Temperature Range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com