Electronic Components Datasheet Search
  English  ▼

X  

AS2333 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AS2333
Description  1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2333 Datasheet(HTML) 2 Page - Diodes Incorporated

  AS2333 Datasheet HTML 1Page - Diodes Incorporated AS2333 Datasheet HTML 2Page - Diodes Incorporated AS2333 Datasheet HTML 3Page - Diodes Incorporated AS2333 Datasheet HTML 4Page - Diodes Incorporated AS2333 Datasheet HTML 5Page - Diodes Incorporated AS2333 Datasheet HTML 6Page - Diodes Incorporated AS2333 Datasheet HTML 7Page - Diodes Incorporated AS2333 Datasheet HTML 8Page - Diodes Incorporated AS2333 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AS2333
Document number: DS42770 Rev. 3 - 2
2 of 16
www.diodes.com
January 2021
© Diodes Incorporated
AS2333
Typical Application
Thermistor Measurement
Low-Side Current Monitor
Pin Descriptions
Pin Number
Pin Name
I/O
Description
3
+INA
I
Noninverting input, channel A
5
+INB
I
Noninverting input, channel B
2
-INA
I
Inverting input, channel A
6
-INB
I
Inverting input, channel B
1
OUTA
O
Output, channel A
7
OUTB
O
Output, channel B
8
V+
Positive Power Supply
Recommend to place a minimum 0.1μF decoupling capacitor between V+ pin and
GND as close as possible.
4
V-
Negative Power Supply
Single power supply application, it is normally tied to ground.
Split power supply application, a minimum 0.1μF decouple capacitor is
recommended to be placed between V- pin and GND as close as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com