Electronic Components Datasheet Search
  English  ▼

X  

ATS277H Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ATS277H
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS277H Datasheet(HTML) 4 Page - Diodes Incorporated

  ATS277H Datasheet HTML 1Page - Diodes Incorporated ATS277H Datasheet HTML 2Page - Diodes Incorporated ATS277H Datasheet HTML 3Page - Diodes Incorporated ATS277H Datasheet HTML 4Page - Diodes Incorporated ATS277H Datasheet HTML 5Page - Diodes Incorporated ATS277H Datasheet HTML 6Page - Diodes Incorporated ATS277H Datasheet HTML 7Page - Diodes Incorporated ATS277H Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ATS277H
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
ATS277H Rev. 1
4 of 8
DECEMBER 2008
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = +25°C Vcc = 4.0V to 20V)
Symbol
Characteristic
Conditions
Min
Typ.
Max Units
Vce
Low Supply Voltage
Vcc = 3.5V, IL = 100mA
0.4
V
Vz
Output Zener Breakdown
(Note 7)
46
V
Vce(SAT)
Output Saturation Voltage
Vcc = 14V, IL = 300mA
0.3
0.6
V
Icex
Output Leakage Current
Vce = 14V, Vcc = 14V
<
0.1
10
µA
Icc
Supply Current
Vcc = 20V, Output Open
16
25
mA
tr
Output Rise Time
Vcc = 14V, RL = 820Ω, CL = 20pF
3.0
10
µs
tf
Output Falling Time
Vcc = 14V, RL = 820Ω, CL = 20pF
0.3
1.5
µs
Δt
Switch Time Differential
Vcc = 14V, RL = 820Ω, CL = 20pF
3.0
10
µs
Note:
7. The Vz may vary with the inductance/resistance of DC Fan. In order to reduce the risk of dynamic operation, the capacitor/ resistor is
recommended to add below the DO/DOB as Application Circuit (see General Description on page 1).
Test Circuit
277
CL 1 CL 2
14 V
DO
DOB
RL 1 = RL 2 = 820 Ohm
CL 1 = CL 2 = 20 pF
RL 2
RL 1
Magnetic Characteristics
(TA = +25°C)
( 1mT = 10 Gauss )
A grade
Symbol
Characteristic
Min
Typ.
Max
Unit
Bop
Operate Point
10
-
50
Gauss
Brp
Release Point
-50
-
-10
Gauss
Bhy
Hysteresis
-
75
-
Gauss
B grade
Symbol
Characteristic
Min
Typ.
Max
Unit
Bop
Operate Point
5
-
70
Gauss
Brp
Release Point
-70
-
-5
Gauss
Bhy
Hysteresis
-
75
-
Gauss



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com