Electronic Components Datasheet Search
  English  ▼

X  

ATS277H Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ATS277H
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS277H Datasheet(HTML) 6 Page - Diodes Incorporated

  ATS277H Datasheet HTML 1Page - Diodes Incorporated ATS277H Datasheet HTML 2Page - Diodes Incorporated ATS277H Datasheet HTML 3Page - Diodes Incorporated ATS277H Datasheet HTML 4Page - Diodes Incorporated ATS277H Datasheet HTML 5Page - Diodes Incorporated ATS277H Datasheet HTML 6Page - Diodes Incorporated ATS277H Datasheet HTML 7Page - Diodes Incorporated ATS277H Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ATS277H
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
ATS277H Rev. 1
6 of 8
DECEMBER 2008
www.diodes.com
© Diodes Incorporated
Performance Characteristics
TA (°C)
25
50
60
70
80
85
90
95
100
PD (mW)
550
440
396
352
308
286
264
242
220
TA (°C)
105
110
115
120
125
130
135
140
150
PD (mW)
198
176
154
132
110
88
66
44
0
P ow er D is s ipatio n C u rv e
0
10 0
20 0
30 0
40 0
50 0
60 0
0
2 5
50
7 5
1 00
125
1 50
T A (。 C)
P D (m W )
85
Typical Magnetic Switch Point vs. Supply Voltage
-40
0
40
80
120
512
20
24
Supply Voltage (V)
Bhys
Bop
Brp
T y p ic a l S u p p ly C u r r e n t v s . S u p p ly V o lt a g e
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
S uppl y V o l t a ge ( V )
TA = 2 5
o C
TA = 8 0
o C
TA = - 2 0
o C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com