Electronic Components Datasheet Search
  English  ▼

X  

ATS277H Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ATS277H
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS277H Datasheet(HTML) 7 Page - Diodes Incorporated

  ATS277H Datasheet HTML 1Page - Diodes Incorporated ATS277H Datasheet HTML 2Page - Diodes Incorporated ATS277H Datasheet HTML 3Page - Diodes Incorporated ATS277H Datasheet HTML 4Page - Diodes Incorporated ATS277H Datasheet HTML 5Page - Diodes Incorporated ATS277H Datasheet HTML 6Page - Diodes Incorporated ATS277H Datasheet HTML 7Page - Diodes Incorporated ATS277H Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ATS277H
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
ATS277H Rev. 1
7 of 8
DECEMBER 2008
www.diodes.com
© Diodes Incorporated
Marking Information
277X
Part Number
( Top View )
Y WW X
X : Version : H
SIP-4L
X : Internal Code : A~Z : Green
Y : Year : 0~9
WW : Week : 01~52, "
52" represents
52 and 53 week
a~z : Lead Free
Package Information
(All Dimensions in mm)
Active Area Depth
Package Sensor Location
Marking side
0.7mm
1.
1士0.1mm
1
234
1.95
士0.1mm
Package Dimension



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com