Electronic Components Datasheet Search
  English  ▼

X  

ATS277H Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ATS277H
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS277H Datasheet(HTML) 3 Page - Diodes Incorporated

  ATS277H Datasheet HTML 1Page - Diodes Incorporated ATS277H Datasheet HTML 2Page - Diodes Incorporated ATS277H Datasheet HTML 3Page - Diodes Incorporated ATS277H Datasheet HTML 4Page - Diodes Incorporated ATS277H Datasheet HTML 5Page - Diodes Incorporated ATS277H Datasheet HTML 6Page - Diodes Incorporated ATS277H Datasheet HTML 7Page - Diodes Incorporated ATS277H Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ATS277H
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
ATS277H Rev. 1
3 of 8
DECEMBER 2008
www.diodes.com
© Diodes Incorporated
12
4
3
277
Coil 1
Coil 2
Vcc
R1
R2
C1
C2
R1 = R2 = 47O
C1 = C2 = 2.2 uF
The R , C value need to be fine tuned
based on coils design.
Brush-Less DC Fan
Absolute Maximum Ratings
(TA = 25°C)
Symbol
Characteristics
Values
Unit
VCC
Supply Voltage
20
V
VRCC
Reverse VCC Polarity Voltage
-20
V
B
Magnetic Flux Density
Unlimited
Ic
Output “on” Current
Continuous
0.4
A
Hold
0.5
Peak (Start Up)
0.7
TS
Storage Temperature Range
-65~+150
°C
PD
Package Power Dissipation (Note 4)
550
mW
TJ
Maximum Junction Temperature
150
°C
Note:
4. Pd shall be within Safety Operation Area.
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage (Note 5)
Operating
3.5
20
V
TA
Operating Ambient Temperature
(Note 6)
Operating
-20
85
°C
Notes:
5. The output DO/DOB is switching as magnetic field change (S>300G, N<-300G).
6. Shall not exceed PD and Safety Operation Area.
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com