Electronic Components Datasheet Search
  English  ▼

X  

MPC9773 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # MPC9773
Description  3.3 V 1:12 LVCMOS PLL Clock Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9773 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button MPC9773 Datasheet HTML 6Page - Renesas Technology Corp MPC9773 Datasheet HTML 7Page - Renesas Technology Corp MPC9773 Datasheet HTML 8Page - Renesas Technology Corp MPC9773 Datasheet HTML 9Page - Renesas Technology Corp MPC9773 Datasheet HTML 10Page - Renesas Technology Corp MPC9773 Datasheet HTML 11Page - Renesas Technology Corp MPC9773 Datasheet HTML 12Page - Renesas Technology Corp MPC9773 Datasheet HTML 13Page - Renesas Technology Corp MPC9773 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MPC9773 REVISION 6 MARCH 16, 2016
10
©2016 Integrated Device Technology, Inc.
MPC9773 Data Sheet
3.3 V 1:12 LVCMOS PLL CLOCK GENERATOR
MPC9773 Individual Output Disable (Clock Stop)
Circuitry
The individual clock stop (output enable) control of the
MPC9773 allows designers, under software control, to
implement power management into the clock distribution
design. A simple serial interface and a clock stop control logic
provides a mechanism through which the MPC9773 clock
outputs can be individually stopped in the logic ‘0’ state: The
clock stop mechanism allows serial loading of a 12-bit serial
input register. This register contains one programmable clock
stop bit for 12 of the 14 output clocks. The QC0 and QFB
outputs cannot be stopped (disabled) with the serial port.
The user can program an output clock to stop (disable) by
writing logic ‘0’ to the respective stop enable bit. Likewise, the
user may programmably enable an output clock by writing
logic ‘1’ to the respective enable bit. The clock stop logic
enables or disables clock outputs during the time when the
output would normally be in logic low state, eliminating the
possibility of short or ‘runt’ clock pulses.
The user can write to the serial input register through the
STOP_DATA input by supplying a logic ‘0’ start bit followed
serially by 12 NRZ disable/enable bits. The period of each
STOP_DATA bit equals the period of the free-running
STOP_CLK signal. The STOP_DATA serial transmission
should be timed so the MPC9773 can sample each
STOP_DATA bit with the rising edge of the free-running
STOP_CLK signal. (See Figure 5.)
Figure 5. Clock Stop Circuit Programing
STOP_CLK
STOP_DATA
START
QA0
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC1
QC2
QC3
QSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com