Electronic Components Datasheet Search
  English  ▼

X  

MPC9773 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # MPC9773
Description  3.3 V 1:12 LVCMOS PLL Clock Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9773 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button MPC9773 Datasheet HTML 12Page - Renesas Technology Corp MPC9773 Datasheet HTML 13Page - Renesas Technology Corp MPC9773 Datasheet HTML 14Page - Renesas Technology Corp MPC9773 Datasheet HTML 15Page - Renesas Technology Corp MPC9773 Datasheet HTML 16Page - Renesas Technology Corp MPC9773 Datasheet HTML 17Page - Renesas Technology Corp MPC9773 Datasheet HTML 18Page - Renesas Technology Corp MPC9773 Datasheet HTML 19Page - Renesas Technology Corp MPC9773 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MPC9773 REVISION 6 MARCH 16, 2016
16
©2016 Integrated Device Technology, Inc.
MPC9773 Data Sheet
3.3 V 1:12 LVCMOS PLL CLOCK GENERATOR
Figure 17. Output-to-Output Skew tSK(O)
Figure 18. Propagation Delay (t(), Static Phase
Offset) Test Reference
Figure 19. Output Duty Cycle (DC)
The pin-to-pin skew is defined as the worst case difference in propagation
delay between any similar delay path within a single device
The time from the PLL controlled edge to the non controlled edge,
divided by the time between PLL controlled edges, expressed as
a percentage
VCC
VCC2
GND
VCC
VCC2
GND
tSK(O)
VCC
VCC2
GND
tP
T0
DC = tP/T0 x 100%
VCC
VCC2
GND
VCC
VCC2
GND
t()
CCLKx
FB_IN
TJIT() = |T0-T1mean|
CCLKx
FB_IN
The deviation in t0 for a controlled edge with respect to a t0 mean in a random
sample of cycles
Figure 20. I/O Jitter
TN
TJIT(CC) = |TN–TN+1|
TN+1
TJIT(PER) = |TN–1/f0|
T0
Figure 21. Cycle-to-Cycle Jitter
Figure 22. Period Jitter
The variation in cycle time of a signal between adjacent cycles, over a random
sample of adjacent cycle pairs
The deviation in cycle time of a signal with respect to the ideal period over a
random sample of cycles
tF
tR
VCC = 3.3 V
2.4
0.55
Figure 23. Output Transition Time Test Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com