Electronic Components Datasheet Search
  English  ▼

X  

BAX12 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAX12
Description  Controlled avalanche diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAX12 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAX12 Datasheet HTML 1Page - NXP Semiconductors BAX12 Datasheet HTML 2Page - NXP Semiconductors BAX12 Datasheet HTML 3Page - NXP Semiconductors BAX12 Datasheet HTML 4Page - NXP Semiconductors BAX12 Datasheet HTML 5Page - NXP Semiconductors BAX12 Datasheet HTML 6Page - NXP Semiconductors BAX12 Datasheet HTML 7Page - NXP Semiconductors BAX12 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1996 Sep 17
5
Philips Semiconductors
Product specification
Controlled avalanche diode
BAX12
Fig.5 Reverse current as a function of junction temperature.
handbook, full pagewidth
0
100
200
10
102
104
103
105
106
107
MBG696
IR
(nA)
Tj (
oC)
VR =90V.
Solid line; maximum values. Dotted line; typical values.
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
010
20
30
VR (V)
40
Cd
(pF)
30
10
0
20
MGD003
Fig.7
Maximum permissible repetitive peak
reverse power as a function of the pulse
duration T
≥ 50 ms; Tj =25 °C.
Solid line; rectangular waveform;
δ≤ 0.01.
Dotted line; triangular waveform;
δ≤ 0.02.
(1) Limited by IRMM = 600 mA.
handbook, half age
MBG701
10−1
110
1
10
102
103
10−2
PRRM
(W)
t (ms)
(1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com