Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer LF to 500 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 4 Page - Analog Devices

  AD8342 Datasheet HTML 1Page - Analog Devices AD8342 Datasheet HTML 2Page - Analog Devices AD8342 Datasheet HTML 3Page - Analog Devices AD8342 Datasheet HTML 4Page - Analog Devices AD8342 Datasheet HTML 5Page - Analog Devices AD8342 Datasheet HTML 6Page - Analog Devices AD8342 Datasheet HTML 7Page - Analog Devices AD8342 Datasheet HTML 8Page - Analog Devices AD8342 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8342
Rev. 0 | Page 4 of 20
AC PERFORMANCE
VS = 5 V, TA = 25°C, LO power = 0 dBm, ZO = 50 Ω, RBIAS = 1.82 kΩ, RF termination 100 Ω, IF terminated into 100 Ω via a 2:1 ratio balun,
unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RF FREQUENCY RANGE1
50
500
MHz
LO FREQUENCY RANGE1
High side LO
60
850
MHz
IF FREQUENCY RANGE1
10
350
MHz
CONVERSION GAIN
fRF = 460 MHz, fLO = 550 MHz, fIF = 90 MHz
3.2
dB
fRF = 238 MHz, fLO = 286 MHz, fIF = 48 MHz
3.7
dB
SSB NOISE FIGURE
fRF = 460 MHz, fLO = 550 MHz, fIF = 90 MHz
12.5
dB
fRF = 238 MHz, fLO = 286 MHz, fIF = 48 MHz
12.2
dB
INPUT THIRD-ORDER INTERCEPT
fRF1 = 460 MHz, fRF2 = 461 MHz, fLO = 550 MHz,
fIF1 = 90 MHz, fIF2 = 89 MHz each RF tone −10 dBm
22.2
dBm
fRF1 = 238 MHz, fRF2 = 239 MHz, fLO = 286MHz,
fIF1 = 48MHz, fIF2 = 47MHz each RF tone −10 dBm
22.7
dBm
INPUT SECOND-ORDER INTERCEPT
fRF1 = 460 MHz, fRF2 = 410 MHz, fLO = 550 MHz, fIF1 = 90 MHz,
fIF2 = 140 MHz
50
dBm
fRF1 = 238 MHz, fRF2 = 188 MHz, fLO = 286 MHz, fIF1 = 48MHz,
fIF2 = 98 MHz
44
dBm
INPUT 1 dB COMPRESSION POINT
fRF = 460 MHz, fLO = 550 MHz, fIF = 90 MHz
8.5
dBm
fRF = 238 MHz, fLO = 286 MHz, fIF = 48 MHz
8.3
dBm
LO TO IF OUTPUT LEAKAGE
LO power = 0 dBm, fLO = 286 MHz
−27
dBc
LO TO RF INPUT LEAKAGE
LO power = 0 dBm, fLO = 286 MHz
−55
dBc
2× LO TO IF OUTPUT LEAKAGE
LO power = 0 dBm, fRF = 238 MHz, fLO = 286 MHz
IF terminated into 100 Ω and measured with a differential probe
−47
dBm
RF TO IF OUTPUT LEAKAGE
RF power = −10 dBm, fRF = 238 MHz, fLO = 286 MHz
−32
dBc
IF/2 SPURIOUS
RF power = −10 dBm, fRF = 238 MHz, fLO = 286 MHz
−70
dBc
1 Frequency ranges are those that were extensively characterized; this device can operate over a wider range. See the H
section for details.
igh IF Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com