Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer LF to 500 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8342 Datasheet HTML 8Page - Analog Devices AD8342 Datasheet HTML 9Page - Analog Devices AD8342 Datasheet HTML 10Page - Analog Devices AD8342 Datasheet HTML 11Page - Analog Devices AD8342 Datasheet HTML 12Page - Analog Devices AD8342 Datasheet HTML 13Page - Analog Devices AD8342 Datasheet HTML 14Page - Analog Devices AD8342 Datasheet HTML 15Page - Analog Devices AD8342 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8342
Rev. 0 | Page 12 of 20
16
10
–15
5
LO POWER (dBm)
15
14
13
12
11
–13
–11
–9
–7
–5
–3
–1
1
3
NF = 10MHz
NF = 48MHz
NF = 90MHz
NF = 140MHz
Figure 27. Noise Figure vs. LO Power, fRF = 238 MHz
5.0
0
1.8
RBIAS (kΩ)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
Figure 28. Gain vs. RBIAS, RF Frequency = 238 MHz, LO Frequency = 286MHz
61
45
1.8
RBIAS (kΩ)
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
59
57
55
53
51
49
47
Figure 29. Input IP2 vs. RBIAS, fRF = 238 MHz (Second RF = RF – 50MHz),
fLO = 286 MHz
30
0
11.8
12.8
NOISE FIGURE (dB)
25
20
15
10
5
11.9
12.0
12.1
12.2
12.3
12.4
12.5
12.6
12.7
NORMAL
MEAN = 12.25
STD. DEV. = 0.14
NF PERCENTAGE
Figure 30. Noise Figure Distribution, fRF = 238 MHz, fLO = 286 MHz
30
0
1.8
3.0
RBIAS (kΩ)
25
20
15
10
5
2.0
2.2
2.4
2.6
2.8
105
75
100
95
90
85
80
INPUT IP3
NOISE FIGURE
CURRENT
Figure 31. Noise Figure, Input IP3 and Supply Current vs. RBIAS,
fRF1 = 238 MHz, fRF2 = 239 MHz, fLO = 286 MHz
10
0
1.8
RBIAS (kΩ)
9
8
7
6
5
4
3
2
1
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
Figure 32. Input P1dB vs. RBIAS, fRF = 238 MHz, fLO = 286 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com