Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer LF to 500 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8342 Datasheet HTML 3Page - Analog Devices AD8342 Datasheet HTML 4Page - Analog Devices AD8342 Datasheet HTML 5Page - Analog Devices AD8342 Datasheet HTML 6Page - Analog Devices AD8342 Datasheet HTML 7Page - Analog Devices AD8342 Datasheet HTML 8Page - Analog Devices AD8342 Datasheet HTML 9Page - Analog Devices AD8342 Datasheet HTML 10Page - Analog Devices AD8342 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8342
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VPLO
2
LOCM
3
LOIN
4
COMM
11 PWDN
12 VPDC
10 EXRB
9
COMM
TOP VIEW
(Not to Scale)
AD8342
Figure 2. 16-Lead LFCSP
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
VPLO
Positive Supply Voltage for the LO Buffer: 4.75 V to 5.25 V.
2
LOCM
AC Ground for Limiting LO Amplifier. Internally biased to Vs
− 1.6 V. AC-couple to ground.
3
LOIN
LO Input. Nominal input level 0 dBm. Input level range −10 dBm to +4 dBm (relative to 50 Ω). Internally
biased to Vs
− 1.6 V. AC-couple.
4, 5, 8, 9, 13
COMM
Device Common (DC Ground).
6, 7
IFOM, IFOP
Differential IF Outputs (Open Collectors). Each requires dc bias of 5.00 V (nominal).
10
EXRB
Mixer Bias Voltage. Connect resistor from EXRB to ground. Typical value of 1.82 kΩ sets mixer current to
nominal value. Minimum resistor value from EXRB to ground = 1.8 kΩ. Internally biased to 1.17 V.
11
PWDN
Connect to Ground for Normal Operation. Connect pin to VS for disable mode.
12
VPDC
Positive Supply Voltage for the DC Bias Cell: 4.75 V to 5.25 V.
14
RFCM
AC Ground for RF Input. Internally biased to 2.4 V. AC-couple to ground.
15
RFIN
RF Input. Internally biased to 2.4 V. Must be ac-coupled.
16
VPMX
Positive Supply Voltage for the Mixer: 4.75 V to 5.25 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com