Electronic Components Datasheet Search
  English  ▼

X  

AD8342 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer LF to 500 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 3 Page - Analog Devices

  AD8342 Datasheet HTML 1Page - Analog Devices AD8342 Datasheet HTML 2Page - Analog Devices AD8342 Datasheet HTML 3Page - Analog Devices AD8342 Datasheet HTML 4Page - Analog Devices AD8342 Datasheet HTML 5Page - Analog Devices AD8342 Datasheet HTML 6Page - Analog Devices AD8342 Datasheet HTML 7Page - Analog Devices AD8342 Datasheet HTML 8Page - Analog Devices AD8342 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8342
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VS = 5 V, TA = 25°C, fRF = 238 MHz, fLO = 286 MHz, LO power = 0 dBm, ZO = 50 Ω, RBIAS = 1.82 kΩ, RF termination = 100 Ω, IF termi-
nated into 100 Ω through a 2:1 ratio balun, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
RF INPUT INTERFACE
Return Loss
Hi-Z input terminated with 100 Ω off-chip resistor
10
dB
Input Impedance
Frequency = 238 MHz (measured at RFIN with RFCM ac-
grounded)
1||0.4
kΩ||pF
DC Bias Level
Internally generated; port must be ac-coupled
2.4
V
OUTPUT INTERFACE
Output Impedance
Differential impedance, frequency = 48 MHz
10||0.5
kΩ||pF
DC Bias Voltage
Supplied externally
4.75
VS
5.25
V
Power Range
Via a 2:1 impedance ratio transformer
13
dBm
LO INTERFACE
Return Loss
10
dB
DC Bias Voltage
Internally generated; port must be ac-coupled
VS − 1.6
V
POWER-DOWN INTERFACE
PWDN Threshold
3.5
V
PWDN Response Time
Device enabled, IF output to 90% of its final level
0.4
µs
Device disabled, supply current <5 mA
4
µs
PWDN Input Bias Current
Device enabled
−80
µA
Device disabled
+100
µA
POWER SUPPLY
Positive Supply Voltage
4.75
5
5.25
V
Quiescent Current
VPDC
Supply current for bias cells
5
mA
VPMX, IFOP, IFOM
Supply current for mixer, RBIAS = 1.82 kΩ
58
mA
VPLO
Supply current for LO limiting amplifier
35
mA
Total Quiescent Current
VS = 5 V
85
98
113
mA
Power-Down Current
Device disabled
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com