Electronic Components Datasheet Search
  English  ▼

X  

AD9980 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9980
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9980 Datasheet HTML 36Page - Analog Devices AD9980 Datasheet HTML 37Page - Analog Devices AD9980 Datasheet HTML 38Page - Analog Devices AD9980 Datasheet HTML 39Page - Analog Devices AD9980 Datasheet HTML 40Page - Analog Devices AD9980 Datasheet HTML 41Page - Analog Devices AD9980 Datasheet HTML 42Page - Analog Devices AD9980 Datasheet HTML 43Page - Analog Devices AD9980 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
AD9980
Rev. 0 | Page 41 of 44
Adding a series resistor of value 50 Ω to 200 Ω can suppress
reflections, reduce EMI, and reduce the current spikes inside the
AD9980. If series resistors are used, place them as close to the
AD9980 pins as possible, (although try not to add vias or extra
length to the output trace to get the resistors closer).
If possible, limit the capacitance that each digital output drives
to less than 10 pF. This is easily accomplished by keeping traces
short and by connecting the outputs to only one device. Loading
the outputs with excessive capacitance increases the current
transients inside of the AD9980 and creates more digital noise
on its power supplies.
Digital Inputs
Digital inputs on the AD9980 (HSYNC0, HSYNC1, VSYNC0,
VSYNC1, SOGIN0, SOGIN1, SDA, SCL and CLAMP) were
designed to work with 3.3 V signals, but are tolerant of 5.0 V
signals. Therefore, no extra components need to be added if
using 5.0 V logic.
Any noise that gets onto the Hsync input trace adds jitter to the
system. Therefore, minimize the trace length and do not run
any digital or other high frequency traces near it.
Reference Bypass
The AD9980 has three reference voltages that must be bypassed
for proper operation of the input PGA. REFLO and REFHI are
connected to each other through a 10 µF capacitor. REFCM is
connected to ground through a 10 µF capacitor. These refer-
ences are used by the input PGA circuitry to assure the greatest
stability. Place them as close to the AD9980 pin as possible.
Make the ground connection as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com