Electronic Components Datasheet Search
  English  ▼

X  

AD9980 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9980
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9980 Datasheet HTML 20Page - Analog Devices AD9980 Datasheet HTML 21Page - Analog Devices AD9980 Datasheet HTML 22Page - Analog Devices AD9980 Datasheet HTML 23Page - Analog Devices AD9980 Datasheet HTML 24Page - Analog Devices AD9980 Datasheet HTML 25Page - Analog Devices AD9980 Datasheet HTML 26Page - Analog Devices AD9980 Datasheet HTML 27Page - Analog Devices AD9980 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD9980
Preliminary Technical Data
Rev. 0 | Page 24 of 44
Hexadecimal
Address
Read and
Write or
Read Only
Bits
Default
Value
Register
Name
Description
5
**1* ****
Coast Input Polarity.
This bit is used only if 0x18, Bit 6 is set to 1.
0 = Active low external Coast.
1 = Active high external Coast.
4
***0 ****
Clamp Source Select.
0 = Use the internal clamp generated from Hsync.
1 = Use the external clamp signal.
3
**** 0***
Red Clamp.
0 = Clamp the red channel to ground.
1 = Clamp the red channel to midscale.
2
**** *0**
Green Clamp.
0 = Clamp the green channel to ground.
1 = Clamp the green channel to midscale.
1
**** **0*
Blue Clamp.
0 = Clamp the blue channel to ground.
1 = Clamp the blue channel to midscale.
0
**** ***0
Must be set to 0 for proper operation.
0x19
R/W
7:0
0000 1000
Clamp
Placement
Places the clamp signal an integer of clock periods after the trailing
edge of the Hsync signal.
0x1A
R/W
7:0
0010 0000
Clamp
Duration
Number of clock periods that the clamp signal is actively clamping.
0x1B
R/W
7
0*** ****
Clamp and
Offset
External clamp polarity override.
0 = The chip selects the clamp polarity.
1 = The polarity of the clamp signal is set by 0x1B, Bit 6.
6
*1** ****
External Clamp Input Polarity. This bit is used only if 0x1B, Bit 7 is
set to 1.
0 = Active low external clamp.
1 = Active high external clamp.
5
**0* ****
0 = Auto-offset is disabled.
1 = Auto-offset is enabled (offsets become the desired clamp
code).
4:3
***1 1***
This selects how often the auto-offset circuit operates. 00 = every
clamp; 01 = 16 clamps; 10 = every 64 clamps; 11 = every Vsync.
2:0
**** *011
Must be written to default (011) for proper operation.
0x1C
R/W
7:0
1111 1111
TestReg0
Must be set to 0xFF for proper operation.
0x1D
R/W
7:3
0111 1***
SOG Control
SOG slicer threshold. Sets the voltage level of the SOG slicer’s
comparator.
2
**** *0**
SOGOUT Polarity.
Sets the polarity of the signal on the SOGOUT pin.
0 = Active low SOGOUT.
1 = Active high SOGOUT.
1:0
**** **00
SOGOUT Select.
00 = Raw SOG from sync slicer (SOG0 or SOG1).
01 = Raw Hsync (Hsync0 or Hsync1).
10 = Regenerated sync from sync filter.
11 = Filtered sync from sync filter.
0x1E
R/W
7
*** ****
Power
Channel Select Override.
0 = The chip determines which input channels to use.
1 = The input channel selection is determined by 0x1E, Bit 6.
6
*0** ****
Channel Select.
Input channel select: this is used only if 0x1E, Bit 7 is set to 1, or if
syncs are present on both channels.
0 = Channel 0 syncs and data are selected.
1 = Channel 1 syncs and data are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com