Electronic Components Datasheet Search
  English  ▼

X  

AD9980 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9980
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9980 Datasheet HTML 29Page - Analog Devices AD9980 Datasheet HTML 30Page - Analog Devices AD9980 Datasheet HTML 31Page - Analog Devices AD9980 Datasheet HTML 32Page - Analog Devices AD9980 Datasheet HTML 33Page - Analog Devices AD9980 Datasheet HTML 34Page - Analog Devices AD9980 Datasheet HTML 35Page - Analog Devices AD9980 Datasheet HTML 36Page - Analog Devices AD9980 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
AD9980
Rev. 0 | Page 33 of 44
0x1B
5
Auto-Offset Enable
This bit selects between auto-offset mode and manual
offset mode (auto-offset disabled). See the section on
auto-offset operation. The power-up default setting
is 0.
Table 37. Auto-Offset Settings
Auto-Offset
Result
0
Auto-offset is disabled
1
Auto-offset is enabled (manual offset
mode)
0x1B
4:3
Auto-Offset Update Frequency
These bits control how often the auto-offset circuit is
updated (if enabled). Updating every 64 Hsyncs is
recommended. The power-up default setting is 11.
Table 38. Auto-Offset Update Mode
Clamp Update
Result
00
Update offset every clamp period
01
Update offset every 16 clamp periods
10
Update offset every 64 clamp periods
11
Update offset every Vsync periods
0x1B
2:0
Must be written to 011 for proper operation.
0x1C
7:0
TestReg0
Must be written to 0xFF for proper operation.
SOG CONTROL
0x1D
7:3
SOG Comparator Threshold
This register allows the comparator threshold of the
SOG slicer to be adjusted. This register adjusts it in
steps of 8 mV, with the minimum setting equaling
8 mV and the maximum setting equaling 256 mV. The
power-up default setting is 15 and corresponds to a
threshold value of 128 mV.
0x1D
2
SOG Output Polarity
This bit sets the polarity of the SOGOUT signal. The
power-up default setting is 0.
Table 39. SOGOUT Polarity Settings
SOGOUT
Result
0
Active low
1
Active high
0x1D
1:0
SOG Output Select
These register bits control the output on the SOGOUT
pin. Options are the raw SOG from the slicer (this is
the unprocessed SOG signal produced from the sync
slicer), the raw Hsync, the regenerated sync from the
sync filter that can generate missing syncs either due
to coasting or dropout, and the filtered sync which
excludes extraneous syncs not occurring within the
sync filter window. The power-up default setting is 0.
Table 40. SOGOUT Polarity Settings
SOGOUT Select
Function
00
Raw SOG from sync slicer (SOG0 or SOG1)
01
Raw Hsync (Hsync0 or Hsync1)
10
Regenerated sync from sync filter
11
Filtered sync from sync filter
INPUT AND POWER CONTROL
0x1E
7
Channel Select Override
This bit provides an override to the automatic input
channel selection. Power-up default setting is 0.
Table 41. Channel Source Override
Override
Result
0
Channel input source determined by chip
1
Channel input source determined by user
Register 0x1E, Bit 6
0x1E
6
Channel Select
This bit selects the active input channel if
Register 0x1E, Bit 7 = 1. This selects between
Channel 0 data and syncs or Channel 1 data and
syncs. Power-up default setting is 0.
Table 42. Channel Select
Channel Select
Result
0
Channel 0 data and syncs are selected
1
Channel 1 data and syncs are selected
0x1E
5
Programmable Bandwidth
This bit selects between a low or high input
bandwidth. It is useful in limiting noise for lower
frequency inputs. The power-up default setting is 1.
Low analog input bandwidth is ~100 MHz; high
analog input bandwidth is ~200 MHz.
Table 43. Input Bandwidth Select
Input Bandwidth
Result
0
Low analog input bandwidth
1
High analog input bandwidth
0x1E
4
Power-Down Control Select
This bit sets whether power-down is controlled
manually or automatically by the chip. If automatic
control is selected (0x1E, Bit 4), the AD9980’s decision
is based on the status of the sync detect bits (Register
0x24, Bits 2, 3, 6, and 7). If either an Hsync or a sync-
on-green input is detected on any input, the chip
powers up, otherwise it powers down. If manual
control is desired, the AD9980 includes flexibility of
control with both a dedicated pin and a register bit.
The dedicated pin allows a hardware watchdog circuit
to control power-down, while the register bit allows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com