Electronic Components Datasheet Search
  English  ▼

X  

AD9980 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9980
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9980 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9980 Datasheet HTML 21Page - Analog Devices AD9980 Datasheet HTML 22Page - Analog Devices AD9980 Datasheet HTML 23Page - Analog Devices AD9980 Datasheet HTML 24Page - Analog Devices AD9980 Datasheet HTML 25Page - Analog Devices AD9980 Datasheet HTML 26Page - Analog Devices AD9980 Datasheet HTML 27Page - Analog Devices AD9980 Datasheet HTML 28Page - Analog Devices AD9980 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
AD9980
Rev. 0 | Page 25 of 44
Hexadecimal
Address
Read and
Write or
Read Only
Bits
Default
Value
Register
Name
Description
5
**1* ****
Programmable Bandwidth.
0 = Low analog input bandwidth.
1 = High analog input bandwidth.
4
***1 ****
Power-Down Control Select.
0 = Manual power-down control.
1 = Auto power-down control.
3
**** 0***
Power-Down.
0 = Normal operation.
1 = Power-down.
2
**** *0**
Power-Down Pin Polarity.
0 = Active low.
1 = Active high.
1
**** **0*
Power-Down Fast Switching Control.
0 = Normal power-down operation.
1 = The chip stays powered up and the outputs are put in high
impedance mode.
0
**** ***0
SOGOUT High Impedance Control.
0 = SOGOUT operates as normal during power-down.
1 = SOGOUT is in high impedance during power-down.
0x1F
R/W
6:5
*00* ****
Output
Select 1
Output Mode.
00 = 4:4:4 output mode.
01 = 4:2:2 output mode.
10 = 4:4:4 – DDR output mode.
4
***1 ****
Primary Output Enable.
0 = Primary output is in high impedance state.
1 = Primary output is enabled.
3
**** 0***
Secondary Output Enable.
0 = Secondary output is in high impedance state.
1 = Secondary output is enabled.
2:1
**** *10*
Output Drive Strength.
00 = Low output drive strength.
01 = Medium low output drive strength.
10 = Medium high output drive strength.
11 = High output drive strength.
Applies to all outputs except VSOUT.
0
**** ***0
Output Clock Invert.
0 = Noninverted Pixel Clock.
1 = Inverted Pixel Clock.
Applies to all clocks output on DATACK.
0x20
R/W
7:6
00** ****
Output
Select 2
Output Clock Select.
00 = Pixel clock.
01 = 90° phase shifted pixel clock.
10 = 2× pixel clock.
11 = 40 MHz internal clock.
5
**0* ****
Output High Impedance.
0 = Normal outputs.
1 = All outputs except SOGOUT in high impedance mode.
4
***0 ****
SOG High Impedance.
0 = Normal SOG output
1 = SOGOUT pin is in high impedance mode.
3
**** 1***
Field Output Polarity.
Sets the polarity of the field output signal.
0 = Active low => even field, active high => odd field.
1 = Active low => odd field, active high => even field.
2
**** *0**
PLL Sync Filter Enable.
0 = PLL uses raw Hsync/SOG.
1 = PLL uses filtered Hsync/SOG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com