Electronic Components Datasheet Search
  English  ▼

X  

TLV704 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV704
Description  TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV704 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV704 Datasheet HTML 3Page - Texas Instruments TLV704 Datasheet HTML 4Page - Texas Instruments TLV704 Datasheet HTML 5Page - Texas Instruments TLV704 Datasheet HTML 6Page - Texas Instruments TLV704 Datasheet HTML 7Page - Texas Instruments TLV704 Datasheet HTML 8Page - Texas Instruments TLV704 Datasheet HTML 9Page - Texas Instruments TLV704 Datasheet HTML 10Page - Texas Instruments TLV704 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
6.5 Typical Characteristics
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, CIN = 1 µF, and
COUT = 1 µF (unless otherwise noted)
3.4
3.38
3.36
3.34
3.32
3.3
3.28
3.26
3.24
3.22
3.2
4
8
12
16
20
24
Input Voltage (V)
-40 C
+85 C
°
°
°
+25 C
V
= 3.3 V
I
= 5 mA
OUT
OUT
Figure 6-1. Line Regulation for Legacy Chip
Input Voltage (V)
4
8
12
16
20
24
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
VOUT = 3.3V
IOUT = 5mA
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
Figure 6-2. Line Regulation for New Chip
Output Current (mA)
0
30
60
90
120
150
3.6
3.5
3.4
3.3
3.2
3.1
3
-
°
40 C
+25 C
°
+85 C
°
Figure 6-3. Load Regulation (VOUT = 3.3 V) for Legacy Chip
Output Current (mA)
0
30
60
90
120
150
3
3.1
3.2
3.3
3.4
3.5
3.6
VOUT = 3.3V
VIN = 4.3V
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
Figure 6-4. Load Regulation (VOUT = 3.3 V) for New Chip
Junction Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
3.465
3.432
3.399
3.366
3.333
3.3
3.267
3.234
3.201
3.168
3.135
I
= 80 mA
OUT
I
= 10 mA
OUT
V
= 4.3 V
IN
Figure 6-5. Output Voltage vs Junction Temperature for
Legacy Chip
Junction Temperature (
C)
-55
-25
5
35
65
95
125
150
3.135
3.168
3.201
3.234
3.267
3.3
3.333
3.366
3.399
3.432
3.465
VIN = 4.3V
1mA
80mA
Figure 6-6. Output Voltage vs Junction Temperature for
New Chip
www.ti.com
TLV704
SBVS148F – SEPTEMBER 2010 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com