Electronic Components Datasheet Search
  English  ▼

X  

TLV704 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV704
Description  TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV704 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV704 Datasheet HTML 16Page - Texas Instruments TLV704 Datasheet HTML 17Page - Texas Instruments TLV704 Datasheet HTML 18Page - Texas Instruments TLV704 Datasheet HTML 19Page - Texas Instruments TLV704 Datasheet HTML 20Page - Texas Instruments TLV704 Datasheet HTML 21Page - Texas Instruments TLV704 Datasheet HTML 22Page - Texas Instruments TLV704 Datasheet HTML 23Page - Texas Instruments TLV704 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
8.4 Power Supply Recommendations
The TLV704 is designed to operate from an input voltage supply range between 2.5 V and 24 V. The input
voltage range must provide adequate headroom for the device to have a regulated output. Inductive impedances
between the input supply and the IN pin can create significant voltage excursions at the IN pin during start-up or
load transient events. If inductive impedances are unavoidable, use an input capacitor.
8.5 Layout
8.5.1 Layout Guidelines
For best overall performance, place all circuit components on the same side of the printed-circuit-board and
as near as practical to the respective LDO pin connections. Place ground return connections for the input
and output capacitors as close to the GND pin as possible, using wide, component-side, copper planes. Do
not use vias and long traces to create LDO circuit connections to the input capacitor, output capacitor, or the
resistor divider because this practice negatively affects system performance. This grounding and layout scheme
minimizes inductive parasitics, and thereby reduces load-current transients, minimizes noise, and increases
circuit stability. A ground reference plane is also recommended and is either embedded in the PCB or located
on the bottom side of the PCB opposite the components. This reference plane serves to assure accuracy of the
output voltage and shield the LDO from noise.
8.5.1.1 Power Dissipation
To provide reliable operation, worst-case junction temperature must not exceed 125°C. This restriction limits the
power dissipation the regulator can handle in any given application. To make sure the junction temperature is
within acceptable limits, calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD,
which must be less than or equal to PD(max).
The maximum-power-dissipation limit is determined using Equation 6:
PDmax = TJmax− TA
RθJA
(6)
where:
• TJmax is the maximum allowable junction temperature
• RθJA is the thermal resistance junction-to-ambient for the package (see the Thermal Informationtable)
• TA is the ambient temperature
The regulator dissipation is calculated using Equation 7:
PD= VIN− VOUT ×IOUT
(7)
8.5.2 Layout Example
COUT
VOUT
V
IN
GND PLANE
CIN
Figure 8-11. Layout Example for the DBV Package
TLV704
SBVS148F – SEPTEMBER 2010 – REVISED MARCH 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com