Electronic Components Datasheet Search
  English  ▼

X  

TLV704 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV704
Description  TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV704 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV704 Datasheet HTML 5Page - Texas Instruments TLV704 Datasheet HTML 6Page - Texas Instruments TLV704 Datasheet HTML 7Page - Texas Instruments TLV704 Datasheet HTML 8Page - Texas Instruments TLV704 Datasheet HTML 9Page - Texas Instruments TLV704 Datasheet HTML 10Page - Texas Instruments TLV704 Datasheet HTML 11Page - Texas Instruments TLV704 Datasheet HTML 12Page - Texas Instruments TLV704 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
6.5 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, CIN = 1 µF, and
COUT = 1 µF (unless otherwise noted)
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
3
6
9
12
15
18
21
24
Input Voltage (V)
-
40 C
+85 C
+25 C
°
°
°
V
= 3.3 V
OUT
Figure 6-13. Ground Pin Current vs Input Voltage for
Legacy Chip
Input Voltage (V)
3
6
9
12
15
18
21
24
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VOUT = 3.3V
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
Figure 6-14. Ground Pin Current vs Input Voltage for New Chip
0
30
60
90
120
150
Output Current (mA)
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
-40 C
+85 C
+25 C
°
°
°
V
= 3.3 V
OUT
Figure 6-15. Ground Pin Current vs Load Current for
Legacy Chip
Output Current (mA)
0
30
60
90
120
150
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VOUT = 3.3V
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
Figure 6-16. Ground Pin Current vs Load Current for New Chip
Temperature ( C)
°
250
200
150
100
50
0
V
= 3.3 V, V
= 4.8 V
OUT
IN
+85 C
°
+25 C
°
-
°
40 C
Figure 6-17. Current Limit vs Junction Temperature for
Legacy Chip
Temperature (
C)
-55
-25
5
35
65
95
125
150
0
50
100
150
200
250
300
VOUT = 3.3V
VIN = 4.8V
Figure 6-18. Current Limit vs Junction Temperature for
New Chip
www.ti.com
TLV704
SBVS148F – SEPTEMBER 2010 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com