Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV709 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 3Page - Texas Instruments TLV709 Datasheet HTML 4Page - Texas Instruments TLV709 Datasheet HTML 5Page - Texas Instruments TLV709 Datasheet HTML 6Page - Texas Instruments TLV709 Datasheet HTML 7Page - Texas Instruments TLV709 Datasheet HTML 8Page - Texas Instruments TLV709 Datasheet HTML 9Page - Texas Instruments TLV709 Datasheet HTML 10Page - Texas Instruments TLV709 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
6.6 Typical Characteristics
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), VOUT(typ) = 3.3 V, IOUT = 1 mA,
CIN = 1 µF, and COUT = 1 µF (unless otherwise noted)
Input Voltage (V)
4
8
12
16
20
24
3.26
3.27
3.28
3.29
3.3
3.31
3.32
3.33
3.34
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VOUT = 3.3 V, IOUT = 5 mA
Figure 6-1. Line Regulation
Output Current (mA)
0
30
60
90
3.26
3.28
3.3
3.32
3.34
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VIN = 4.3 V, VOUT = 3.3 V, 0 mA ≤ IOUT ≤ 100 mA
Figure 6-2. Load Regulation
Output Current (mA)
0
30
60
90
120
150
3
3.1
3.2
3.3
3.4
3.5
3.6
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VIN = 4.3 V, VOUT = 3.3 V, 0 mA ≤ IOUT ≤ 150 mA
Figure 6-3. Load Regulation
Junction Temperature (
C)
-55
-25
5
35
65
95
125
150
3.28
3.29
3.3
3.31
3.32
1mA
80mA
VIN = 4.3 V, VOUT = 3.3 V
Figure 6-4. VOUT vs Temperature and IOUT
Input Voltage (V)
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
0
20
40
60
80
100
120
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VOUT = 3.3 V, IOUT = 10 mA
Figure 6-5. VDO vs VIN
Output Current (mA)
0
30
60
90
120
150
0
300
600
900
1200
1500
1800
2100
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VOUT = 3.3 V
Figure 6-6. VDO vs IOUT
www.ti.com
TLV709
SLVSGU2A – FEBRUARY 2023 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com