Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV709 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 4Page - Texas Instruments TLV709 Datasheet HTML 5Page - Texas Instruments TLV709 Datasheet HTML 6Page - Texas Instruments TLV709 Datasheet HTML 7Page - Texas Instruments TLV709 Datasheet HTML 8Page - Texas Instruments TLV709 Datasheet HTML 9Page - Texas Instruments TLV709 Datasheet HTML 10Page - Texas Instruments TLV709 Datasheet HTML 11Page - Texas Instruments TLV709 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
6.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), VOUT(typ) = 3.3 V, IOUT = 1 mA,
CIN = 1 µF, and COUT = 1 µF (unless otherwise noted)
Junction Temperature (
C)
-55
-25
5
35
65
95
125
150
2
2.5
3
3.5
4
4.5
VIN = 4.3 V, VOUT = 3.3 V, IOUT = 0 mA, COUT = 1 μF
Figure 6-7. Ground Current vs Temperature
Input Voltage (V)
3
6
9
12
15
18
21
24
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VOUT = 3.3V
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VOUT = 3.3 V, IOUT = 0 mA, COUT = 1 μF
Figure 6-8. Ground Current vs VIN
Output Current (mA)
0
30
60
90
120
150
2.5
3
3.5
4
4.5
5
5.5
6
6.5
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VIN = 4.3 V, VOUT = 3.3 V, COUT = 1 μF
Figure 6-9. Ground Current vs IOUT
Temperature (
C)
-55
-25
5
35
65
95
125
150
0
50
100
150
200
250
300
VIN = 4.8 V, VOUT = 3.3 V
Figure 6-10. ICL vs Temperature
f - Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0
10
20
30
40
50
60
70
80
90
100
1mA
50mA
VIN = 4.3 V, VOUT = 3.3 V, COUT = 10 μF
Figure 6-11. PSRR vs Frequency
f - Frequency - Hz
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
Integrated Noise from
10Hz to 100KHz
1mA : 487
VRMS
50mA : 577
VRMS
1mA
50mA
VIN = 4.3 V, VOUT = 3.3 V, COUT = 10 μF
Figure 6-12. Output Noise (VN) vs Frequency
TLV709
SLVSGU2A – FEBRUARY 2023 – REVISED MAY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com