Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV709 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 5Page - Texas Instruments TLV709 Datasheet HTML 6Page - Texas Instruments TLV709 Datasheet HTML 7Page - Texas Instruments TLV709 Datasheet HTML 8Page - Texas Instruments TLV709 Datasheet HTML 9Page - Texas Instruments TLV709 Datasheet HTML 10Page - Texas Instruments TLV709 Datasheet HTML 11Page - Texas Instruments TLV709 Datasheet HTML 12Page - Texas Instruments TLV709 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
6.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), VOUT(typ) = 3.3 V, IOUT = 1 mA,
CIN = 1 µF, and COUT = 1 µF (unless otherwise noted)
t - Time - ms
0
2
4
6
8
10
12
14
16
18
20
22
0
1
2
3
4
5
6
7
8
VOUT
VIN
VIN = 4.3 V, VOUT = 3.3 V, COUT = 10 μF, IOUT = 50 mA
Figure 6-13. Power-Up, Power-Down With VIN Ramp
t - Time -
s
0
50
100
150
200
250
300
350
400
4
-300
4.5
-250
5
-200
5.5
-150
6
-100
6.5
-50
7
0
7.5
50
8
100
8.5
150
VIN
VOUT
VOUT = 3.3 V, COUT = 10 µF, ramp rate = 0.2 V/µs
Figure 6-14. VIN Line Transient Response (4.3 V to 5.3 V)
t - Time -
s
0
300 600 900 1200 1500 1800 2100 2400 2700 3000
0
-1000
20
-800
40
-600
60
-400
80
-200
100
0
120
200
140
400
160
600
VIN = 4.3 V
VOUT = 3.3 V
COUT = 10 F
dI/dt = 0.5 A/
s
IOUT
VOUT
VIN = 4.3 V, VOUT = 3.3 V, COUT = 10 µF, ramp rate = 0.5 A/µs
Figure 6-15. IOUT Transient From 1 mA to 50 mA
Time (
s)
600
1000
1400
1800
2200
2600
3000
3400
0
-1000
50
-800
100
-600
150
-400
200
-200
250
0
300
200
350
400
400
600
IOUT
VOUT
VIN = 4.3 V, VOUT = 3.3 V, COUT = 10 µF ramp rate = 0.5 A/µs
Figure 6-16. IOUT Transient From 1 mA to 80 mA
t - Time -
s
0
2000
4000
6000
8000
10000
0
-1
5
0
10
1
15
2
20
3
25
4
30
5
VIN
COUT = 10
F
dV/dt = 1.15V/
s
VOUT(1mA)
VOUT(50mA)
VOUT = 5 V, COUT = 10 µF, ramp rate = 1.15 V/µs
Figure 6-17. Dropout Exit Line Transient
(2.5 V to 14 V for VOUT = 5 V)
t - Time - ms
0
0.5
1
1.5
2
2.5
3
3.5
4
0
1
5
2
10
3
15
4
20
5
25
6
30
7
IOUT = 50mA
COUT = 10F
dV/dt = 0.66V/
s
VIN
VOUT
VOUT = 5 V, COUT = 10 µF, ramp rate = 0.66 V/µs
Figure 6-18. VIN Line Transient (5 V to 14 V for VOUT = 5 V)
www.ti.com
TLV709
SLVSGU2A – FEBRUARY 2023 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com