Electronic Components Datasheet Search
  English  ▼

X  

TPS62901 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62901
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62901 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS62901 Datasheet HTML 28Page - Texas Instruments TPS62901 Datasheet HTML 29Page - Texas Instruments TPS62901 Datasheet HTML 30Page - Texas Instruments TPS62901 Datasheet HTML 31Page - Texas Instruments TPS62901 Datasheet HTML 32Page - Texas Instruments TPS62901 Datasheet HTML 33Page - Texas Instruments TPS62901 Datasheet HTML 34Page - Texas Instruments TPS62901 Datasheet HTML 35Page - Texas Instruments TPS62901 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
9.2.3.3 Application Curves Vout = 0.6 V
Iout (A)
1E-5
0.0001
0.001
0.01
0.1 0.2 0.5 1 2
0
10
20
30
40
50
60
70
80
90
100
Vin = 3V
Vin = 6V
Vin = 9V
Vin = 12V
Vin = 15V
VOUT = 0.6 V
L = 1.0 μH
Fsw = 2.5 MHz
Auto PFM/PWM
Figure 9-27. Efficiency vs Output Current
Iout (A)
0.05 0.07 0.1
0.2
0.3 0.4 0.5
0.7
1
2
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Vin = 3V
Vin = 6V
Vin = 9V
Vin = 12V
Vin = 15V
VOUT = 0.6 V
L = 1.0 μH
Fsw = 2.5 MHz
Forced PWM
Figure 9-28. Efficiency vs Output Current
Input Voltage (V)
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
Iout = 0.1A
Iout = 0.5A
Iout = 1A
Iout = 2A
VOUT = 0.6 V
L = 1.0 μH
Fsw = 2.5 MHz
Auto PFM/PWM
Figure 9-29. Switching Frequency vs Input Voltage
Input Voltage (V)
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
Iout = 0.1A
Iout = 0.5A
Iout = 1A
Iout = 2A
VOUT = 0.6 V
L = 1.0 μH
Fsw = 2.5 MHz
Forced PWM
Figure 9-30. Switching Frequency vs Input Voltage
VOUT = 0.6 V
L = 1.0 μH
Fsw = 2.5 MHz
Auto PFM/PWM
Figure 9-31. Output Voltage vs Output Current
Iout (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Vin = 3V
Vin = 6V
Vin = 9V
Vin = 12V
Vin = 15V
VOUT = 0.6 V
L = 1.0 μH
Fsw = 2.5 MHz
Forced PWM
Figure 9-32. Output Voltage vs Output Current
TPS62902-Q1
SLVSG70 – APRIL 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62902-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com