Electronic Components Datasheet Search
  English  ▼

X  

TPS62901 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62901
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62901 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TPS62901 Datasheet HTML 46Page - Texas Instruments TPS62901 Datasheet HTML 47Page - Texas Instruments TPS62901 Datasheet HTML 48Page - Texas Instruments TPS62901 Datasheet HTML 49Page - Texas Instruments TPS62901 Datasheet HTML 50Page - Texas Instruments TPS62901 Datasheet HTML 51Page - Texas Instruments TPS62901 Datasheet HTML 52Page - Texas Instruments TPS62901 Datasheet HTML 53Page - Texas Instruments TPS62901 Datasheet HTML 54Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
2X
(0.825)
(0.65)
2X (2.55)
8X (0.5)
2X (1.5)
13X
(0.25)
4X (0.4)
(R0.05) TYP
2X (1)
6X
(0.875)
(1.525)
VQFN-HR - 1 mm max height
RYT0009A
PLASTIC SMALL OUTLINE - NO LEAD
4226765/A 04/2021
NOTES: (continued)
3. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 30X
SYMM
SYMM
1
4
7
8
3
9
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com