Electronic Components Datasheet Search
  English  ▼

X  

TPS62901 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62901
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62901 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62901 Datasheet HTML 1Page - Texas Instruments TPS62901 Datasheet HTML 2Page - Texas Instruments TPS62901 Datasheet HTML 3Page - Texas Instruments TPS62901 Datasheet HTML 4Page - Texas Instruments TPS62901 Datasheet HTML 5Page - Texas Instruments TPS62901 Datasheet HTML 6Page - Texas Instruments TPS62901 Datasheet HTML 7Page - Texas Instruments TPS62901 Datasheet HTML 8Page - Texas Instruments TPS62901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information....................................................5
7.5 Electrical Characteristics.............................................6
7.6 Typical Characteristics................................................ 8
8 Detailed Description......................................................12
8.1 Overview................................................................... 12
8.2 Functional Block Diagram......................................... 12
8.3 Feature Description...................................................13
8.4 Device Functional Modes..........................................21
9 Application and Implementation.................................. 23
9.1 Application Information............................................. 23
9.2 Typical Application with Adjustable Output Voltage.. 23
9.3 Typical Application with Selectable VOUT using
VSET .......................................................................... 34
9.4 System Examples..................................................... 39
9.5 Power Supply Recommendations.............................43
9.6 Layout....................................................................... 43
10 Device and Documentation Support..........................45
10.1 Device Support....................................................... 45
10.2 Documentation Support.......................................... 45
10.3 Receiving Notification of Documentation Updates..45
10.4 Support Resources................................................. 45
10.5 Trademarks.............................................................45
10.6 Electrostatic Discharge Caution..............................46
10.7 Glossary..................................................................46
11 Mechanical, Packaging, and Orderable
Information.................................................................... 46
4 Revision History
DATE
REVISION
NOTES
April 2023
*
Initial release
TPS62902-Q1
SLVSG70 – APRIL 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62902-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com