Electronic Components Datasheet Search
  English  ▼

X  

TPS62901 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62901
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62901 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62901 Datasheet HTML 17Page - Texas Instruments TPS62901 Datasheet HTML 18Page - Texas Instruments TPS62901 Datasheet HTML 19Page - Texas Instruments TPS62901 Datasheet HTML 20Page - Texas Instruments TPS62901 Datasheet HTML 21Page - Texas Instruments TPS62901 Datasheet HTML 22Page - Texas Instruments TPS62901 Datasheet HTML 23Page - Texas Instruments TPS62901 Datasheet HTML 24Page - Texas Instruments TPS62901 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
8.4 Device Functional Modes
8.4.1 Forced Pulse Width Modulation (FPWM) Operation
The TPS62902-Q1 has two operating modes: Forced PWM (FPWM) mode discussed in this section and auto
PFM and PWM as discussed in Section 8.4.2.
With the MODE/S-CONF pin configured for FPWM mode, the TPS62902-Q1 operates with pulse width
modulation in continuous conduction mode (CCM) with a nominal switching frequency of either 2.5 MHz or
1.0 MHz. The frequency variation in PWM is controlled and depends on VIN, VOUT, and the inductance. The on
time in forced PWM mode is given by Equation 4:
TON=VOUTVIN× 1fSW
(4)
For very small output voltages, a minimum on time of approximately 30 ns is kept to limit switching losses. The
operating frequency is thereby reduced from its nominal value, which keeps efficiency high.
8.4.2 Power Save Mode Operation (Auto PFM and PWM)
When the MODE/S-CONF pin is configured for power save mode (auto PFM and PWM). The device operates
in PWM mode as long the output current is higher than half of the ripple current of the inductor, and seamlessly
transitions to PSM operation as the load decreases. In power save mode, the device operates in PFM mode
by reducing the switching frequency linearly with the load current to maintain high efficiency under light load
operation. The device remains in power save mode as long as the inductor current remains discontinuous, and
the transition out of PSM also occurs seamlessly when the load current increases above the DCM boundary.
In addition to operating in PFM under light load, when the 2.5 MHz FSW option is selected, the TPS62902-Q1
further adjusts the on time (TON), depending on the input voltage and the output voltage to maintain highest
efficiency using the AEE function as described in Section 8.4.3 .
In power save mode, the TON time can be estimated using Equation 4 for 1 MHz and Equation 8 for 2.5 MHz.
For higher input voltages and small output voltages, an absolute minimum on time of approximately 30 ns is
kept to limit switching losses. The operating frequency is thereby reduced from its nominal value, which keeps
efficiency high. Using TON, the typical peak inductor current in power save mode is approximated by Equation 5:
ILPSMpeak=VIN −VOUTL × TON
(5)
The output voltage ripple in power save mode is given by Equation 6:
∆V=L×VIN2
200 ×C + 1
VIN −VOUT + 1VOUT   
(6)
where
• L is the effective inductance.
• C is the output effective capacitance.
Note
When VIN decreases to typically 15% above VOUT, the TPS62902-Q1 does not enter power save
mode, regardless of the load current. The device maintains output regulation in PWM mode.
8.4.3 AEE (Automatic Efficiency Enhancement)
When the MODE/S-CONF pin is configured for auto PFM/PWM with AEE mode, the TPS62902-Q1 provides the
highest efficiency over the entire input voltage and output voltage range by automatically adjusting the switching
frequency of the converter (see Equation 7). To keep the efficiency high over the entire duty cycle range, the
switching frequency is adjusted while maintaining the ripple current amplitudes. This feature compensates for the
very small duty cycles of high VIN to low VOUT conversions, which can limit the control range in other topologies.
www.ti.com
TPS62902-Q1
SLVSG70 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS62902-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com