Electronic Components Datasheet Search
  English  ▼

X  

X96010 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X96010
Description  Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X96010 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X96010 Datasheet HTML 9Page - Renesas Technology Corp X96010 Datasheet HTML 10Page - Renesas Technology Corp X96010 Datasheet HTML 11Page - Renesas Technology Corp X96010 Datasheet HTML 12Page - Renesas Technology Corp X96010 Datasheet HTML 13Page - Renesas Technology Corp X96010 Datasheet HTML 14Page - Renesas Technology Corp X96010 Datasheet HTML 15Page - Renesas Technology Corp X96010 Datasheet HTML 16Page - Renesas Technology Corp X96010 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
FN8214.1
October 25, 2005
L2DAS: LUT2 DIRECT ACCESS SELECT BIT (NON-
VOLATILE
)
When bit L2DAS is set to “0” (default), LUT2 is
addressed by the output of the on-chip A/D converter.
When bit L2DAS is set to “1”, LUT2 is addressed by
bits L2DA5 - L2DA0.
D2DAS: D/A 2 DIRECT ACCESS SELECT BIT (NON-
VOLATILE
)
When bit D2DAS is set to “0” (default), the input to the
D/A converter 2 is a row of LUT2. When bit D2DAS is set
to “1”, that input is the content of the Control register 4.
Control Register 6
This register is accessed by performing a Read or
Write operation to address 86h of memory.
WEL: WRITE ENABLE LATCH (VOLATILE)
The WEL bit controls the Write Enable status of the
entire X96010 device. This bit must be set to “1” before
any other Write operation (volatile or nonvolatile). Oth-
erwise, any proceeding Write operation to memory is
aborted and no ACK is issued after a Data Byte.
The WEL bit is a volatile latch that powers up in the “0”
state (disabled). The WEL bit is enabled by writing
100000002 to Control register 6. Once enabled, the
WEL bit remains set to “1” until the X96010 is powered
down, and then up again, or until it is reset to “0” by
writing 000000002 to Control register 6.
A Write operation that modifies the value of the WEL bit
will not cause a change in other bits of Control register 6.
Status Register - ADC Output
This register is accessed by performing a Read opera-
tion to address 87h of memory.
AD7 - AD0: A/D CONVERTER OUTPUT BITS (READ
ONLY
)
These eight bits are the binary output of the on-chip
A/D converter. The output is 000000002 for minimum
input and 111111112 for full scale input. The six MSBs
select a row of the LUTs.
X96010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com