Electronic Components Datasheet Search
  English  ▼

X  

X96010 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X96010
Description  Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X96010 Datasheet(HTML) 2 Page - Renesas Technology Corp

  X96010 Datasheet HTML 1Page - Renesas Technology Corp X96010 Datasheet HTML 2Page - Renesas Technology Corp X96010 Datasheet HTML 3Page - Renesas Technology Corp X96010 Datasheet HTML 4Page - Renesas Technology Corp X96010 Datasheet HTML 5Page - Renesas Technology Corp X96010 Datasheet HTML 6Page - Renesas Technology Corp X96010 Datasheet HTML 7Page - Renesas Technology Corp X96010 Datasheet HTML 8Page - Renesas Technology Corp X96010 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
FN8214.1
October 25, 2005
BLOCK DIAGRAM
PIN ASSIGNMENTS
SDA
SCL
WP
2-Wire
I2
VRef
R2
VSense
Interface
A2, A1, A0
DAC 2
ADC
Look-up
Table 1
Look-up
Table 2
Control
& Status
Mux
Mux
I1
R1
DAC 1
Mux
Mux
Voltage
Reference
TSSOP
Pin
Pin
Name
Pin Description
1A0
Device Address Select Pin 0. This pin determines the LSB of the device address required to com-
municate using the 2-wire interface. The A0 pin has an on-chip pull-down resistor.
2A1
Device Address Select Pin 1. This pin determines the intermediate bit of the device address re-
quired to communicate using the 2-wire interface. The A1 pin has an on-chip pull-down resistor.
3A2
Device Address Select Pin 2. This pin determines the MSB of the device address required to com-
municate using the 2-wire interface. The A2 pin has an on-chip pull-down resistor.
4Vcc
Supply Voltage.
5WP
Write Protect Control Pin. This pin is a CMOS compatible input. When LOW, Write Protection is
enabled preventing any “Write” operation. When HIGH, various areas of the memory can be protect-
ed using the Block Lock bits BL1 and BL0. The WP pin has an on-chip pull-down resistor, which en-
ables the Write Protection when this pin is left floating.
6SCL
Serial Clock. This is a TTL compatible input pin. This input is the 2-wire interface clock controlling data
input and output at the SDA pin.
7SDA
Serial Data. This pin is the 2-wire interface data into or out of the device. It is TTL compatible when
used as an input, and it is Open Drain when used as an output. This pin requires an external pull up
resistor.
8I1
Current Generator 1 Output. This pin sinks or sources current. The magnitude and direction of the
current is fully programmable and adaptive. The resolution is 8 bits.
9R1
Current Programming Resistor 1. A resistor between this pin and Vss can set the maximum output
current available at pin I1. If no resistor is used, the maximum current must be selected using control
register bits.
10
R2
Current Programming Resistor 2. A resistor between this pin and Vss can set the maximum output
current available at pin I2. If no resistor is used, the maximum current must be selected using control
register bits.
11
Vss
Ground.
12
VSense
Sensor Voltage Input. This voltage input may be used to drive the input of the on-chip A/D converter.
13
VRef
Reference Voltage Input or Output. This pin can be configured as either an Input or an Output. As
an Input, the voltage at this pin is provided by an external source. As an Output, the voltage at this
pin is a buffered output voltage of the on-chip bandgap reference circuit. In both cases, the voltage
at this pin is the reference for the A/D converter and the two D/A converters.
14
I2
Current Generator 2 Output. This pin sinks or sources current. The magnitude and direction of the
current is fully programmable and adaptive. The resolution is 8 bits.
X96010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com