Electronic Components Datasheet Search
  English  ▼

X  

X96010 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # X96010
Description  Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X96010 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button X96010 Datasheet HTML 17Page - Renesas Technology Corp X96010 Datasheet HTML 18Page - Renesas Technology Corp X96010 Datasheet HTML 19Page - Renesas Technology Corp X96010 Datasheet HTML 20Page - Renesas Technology Corp X96010 Datasheet HTML 21Page - Renesas Technology Corp X96010 Datasheet HTML 22Page - Renesas Technology Corp X96010 Datasheet HTML 23Page - Renesas Technology Corp X96010 Datasheet HTML 24Page - Renesas Technology Corp X96010 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
FN8214.1
October 25, 2005
X96010 Memory Map
The X96010 contains a 144 byte array of mixed vola-
tile and nonvolatile memory. This array is split up into
three distinct parts, namely: (Refer to figure 14.)
– Look-up Table 1 (LUT1)
– Look-up Table 2 (LUT2)
– Control and Status Registers
Figure 14. X96010 Memory Map
The Control and Status registers of the X96010 are
used in the test and setup of the device in a system.
These registers are realized as a combination of both
volatile and nonvolatile memory. These registers
reside in the memory locations 80h through 8Fh. The
reserved bits within registers 80h through 86h, must
be written as “0” if writing to them, and should be
ignored when reading. Register bits shown as 0 or 1,
in Figure 4, must be written with the indicated value if
writing to them. The reserved registers, from 88h
through 8Fh, must not be written, and their content
should be ignored.
Both look-up tables LUT1 and LUT2 are realized as
nonvolatile EEPROM, and extend from memory loca-
tions 90h - CFh and D0h - 10Fh respectively. These
look-up tables are dedicated to storing data solely for
the purpose of setting the outputs of Current Genera-
tors I1 and I2 respectively.
All bits in both look-up tables are preprogrammed to
“0” at the factory.
Addressing Protocol Overview
All Serial Interface operations must begin with a
START, followed by a Slave Address Byte. The Slave
address selects the X96010, and specifies if a Read or
Write operation is to be performed.
It should be noted that the Write Enable Latch (WEL)
bit must first be set in order to perform a Write opera-
tion to any other bit. (See “WEL: Write Enable Latch
(Volatile)” on page 13.) Also, all communication to the
X96010 over the 2-wire serial bus is conducted by
sending the MSB of each byte of data first.
The memory is physically realized as one contiguous
array, organized as 9 pages of 16 bytes each.
The X96010 2-wire protocol provides one address
byte, therefore the next few sections explain how to
access the different areas for reading and writing.
Figure 15. Slave Address (SA) Format
Look-up Table 2
(LUT2)
Address
Size
64 Bytes
64 Bytes
16 Bytes
10Fh
80h
8Fh
90h
CFh
D0h
FFh
Look-up Table 1
(LUT1)
Control & Status
Registers
SA6
SA7
SA5
SA3
SA2
SA1
SA0
Device Type
Identifier
Read or
SA4
Slave Address
Bit(s)
Description
SA7 - SA4
Device Type Identifier
SA3 - SA1
Device Address
SA0
Read or Write Operation Select
R/W
10
1
0
Address
Device
AS0
AS1
AS2
Write
X96010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com