Electronic Components Datasheet Search
  English  ▼

X  

X96010 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # X96010
Description  Sensor Conditioner with Dual Look Up Table Memory and DACs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X96010 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button X96010 Datasheet HTML 11Page - Renesas Technology Corp X96010 Datasheet HTML 12Page - Renesas Technology Corp X96010 Datasheet HTML 13Page - Renesas Technology Corp X96010 Datasheet HTML 14Page - Renesas Technology Corp X96010 Datasheet HTML 15Page - Renesas Technology Corp X96010 Datasheet HTML 16Page - Renesas Technology Corp X96010 Datasheet HTML 17Page - Renesas Technology Corp X96010 Datasheet HTML 18Page - Renesas Technology Corp X96010 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
FN8214.1
October 25, 2005
A/D Converter Range
From Figure 6 we can see that the operating range of the
A/D converter input depends on the voltage reference.
The table below summarizes the voltage range
restrictions on the VSense and VRef pins in different
configurations :
VSense and VRef ranges
LOOK-UP TABLES
The X96010 memory array contains two 64-byte look-
up tables. One is associated to pin I1’s output current
generator and the other to pin I2’s output current gen-
erator, through their corresponding D/A converters.
The output of each look-up table is the byte contained
in the selected row. By default these bytes are the
inputs to the D/A converters driving pins I1 and I2.
The byte address of the selected row is obtained by
adding the look-up table base address (90h for LUT1,
and D0h for LUT2) and the appropriate row selection
bits. See Figure 8.
By default the look-up table selection bits are the
6 MSBs of the A/D converter output. Alternatively,
the A/D converter can be bypassed and the six row
selection bits are the six LSBs of Control Registers
1 and 2, for the LUT1 and LUT2 respectively. The
selection between these options is illustrated in Fig-
ure 9, and described in “I2DS: Current Generator 2
Direction Select Bit (Non-volatile)” on page 12, and
“Control Register 2” on page 12.
CURRENT GENERATOR BLOCK
The Current Generator pins I1 and I2 are outputs of
two independent current mode D/A converters.
D/A Converter Operation
The Block Diagram for each of the D/A converters is
shown in Figure 7.
The input byte of the D/A converter selects a voltage
on the non-inverting input of an operational amplifier.
The output of the amplifier drives the gate of a FET,
whose source is connected to ground via resistor R1
or R2. This node is also fed back to the inverting input
of the amplifier. The drain of the FET is connected to
the output current pin (I1 or I2) via a “polarity select”
circuit block.
VRef
A/D Converter Input
Ranges
Internal
VSense Pin
0
 V(VSense) 
V(VRef)
External
VSense Pin
0
V(VRef)  1.3 V
0
 V(VSense) 
V(VRef)
All voltages referred to Vss.
X96010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com