Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 104Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 105Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 106Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 107Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 108Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 109Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 110Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 111Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
108
January 26, 2016
The entire RAM is always accessible by the ARM® processor, but there are restrictions for RAM access via the
JTAG interface. From the perspective of the JTAG interface, the RAM is split into two sections with a boundary
configurable via the RAMSPLIT bit field in the SYS_MEMINFO register (see Table 4.7).
Figure 4.2 Example of RAMSPLIT Address Configuration
SRAM
0x0063C
0x007FF
0x00000
0x00003
0x00004
0x00007
0x0063F
0x00638
0x0063B
0x007FF
Programmed RAMSPLIT address
[0x18F] (0x0063C>>2)
4 Byte = 1 Word
The RAMSPLIT address is word-aligned and stored in the FLASH. The upper section starting with address
RAMSPLIT can always be accessed via JTAG. The lower section can only be accessed via JTAG when no
memory protection is active. The stack used by software must be placed into the lower section to avoid
unauthorized access, which could result in potentially damaging changes.
Notes:
1. Always place the software stack into the lower section of the RAM. The lower section ends one word
address before the address RAMSPLIT.
2. The RAMSPLIT address can always be determined from register SYS_MEMINFO (see Table 4.7). The
last two address bits are not included in the read value as they are always 0.
4.3.
MCU Clock and Reset Sources
The RESET and clock operation are managed by the SBC as detailed in section 3.2. The main clock frequency is
set to 20MHz for the MCU core.
As shown in Figure 4.3, the MCU_CLK from the SBC go to the clock divider with 1:1 as the default divider. The
CLKDIV bit field in the SYS_CLKCFG register (Table 4.5) can be configured for other settings for the divider so
that the system runs at 20MHz, 10MHz, 5MHz, or 2.5MHz. It is not advisable to change the clock division setting
during any of these operations:
•
FLASH programming
•
LIN operations, unless the LIN module is put into the safe state, which is achieved by setting the
STOPRX bit and clearing the ENTOCNT bit in the Z1_LINCFG register (Table 4.25).
•
Active operations associated with the 10msec reference of the SYST_CALIB register of the ARM® core.
This must be disabled before making adjustments for the clock division.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com