Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 107Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 108Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 109Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 110Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 111Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 112Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 113Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 114Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
111
January 26, 2016
4.4.2.
Interrupts Configuration
As defined in Table 4.3, the MCU peripheral interrupts can have one of two types of interrupt input responses:
level-sensitive or pulse (edge) triggered:
Table 4.3
MCU Peripheral Interrupts
Interrupt Line
MCU Peripheral Interrupt
Type
Interrupt line 0
Flash controller interrupt
Level-sensitive
Interrupt line 1
External interrupt (from SBC)
Level-sensitive
Interrupt line 2
SW-LIN interrupt
Level-sensitive
Interrupt line 3
SPI interrupt
Level-sensitive
Interrupt line 4
32-bit timer interrupt
Pulse
Interrupt line 5
GPIO interrupt
Level-sensitive
The effect of the pulse and level type is explained in the ARM™ Cortex™-M0 Documentation Kit in the NVIC
section.
4.5.
GPIO Module
4.5.1.
Overview
There are 8 GPIO pins (GPIO00 to GPIO07) implemented in the MCU. Each GPIO pin can be individually
configured to operate as an input or output. When configured as an output, the value driven out of the GPIO pin
can be directly written or controlled via a set-clear register (see section 4.5.3).
GPIO pin configurations:
•
Output mode: enabled by clearing a corresponding bit in registers GPIO_DIR (Table 4.9) and GPIO_OUT
(Table 4.11); e.g., bit 0 = GPIO00 configuration, bit 1 = GPIO01, etc.
•
Schmitt trigger input mode with internal pull-down resistors: enabled by setting a corresponding bit in
registers GPIO_DIR and GPIO_IN (Table 4.10)
•
Generation of interrupt events on a selectable edge
•
Trigger source for the 32-bit timer
By default all GPIOs are set in input mode. Each register in a GPIO module can be accessed with a byte, half-
word and word size.
4.5.2.
GPIO Input Mode (default)
Assigned bits in register GPIO_DIR must be cleared for the input operation for a specific GPIO pin (bit numbers
correspond to GPIO numbers). The value for each pin can be read by reading register GPIO_IN. The values from
any GPIO pins that are configured as outputs or which have other functionality should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com