Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 110Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 111Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 112Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 113Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 114Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 115Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 116Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 117Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
114
January 26, 2016
4.8.
Master SPI Module
4.8.1.
Overview
The integrated SPI is a pure four-wire master interface that is used for communication with the SBC. As shown in
Figure 4.5, the three lines SPICLK, MOSI, and MISO are fully controlled by hardware while the chip select CSN
line is controlled by software in accordance with the setup time requirement as per SPI bus timing (for
specifications, see section 1.3.3).
Figure 4.5 Master SPI Block Diagram
SPICFG
SPISTAT
SPICLKCFG
SHIFTREG
SPIDATA
RxBUF
TxBUF
SPI
CONTROL
LOGIC
SPICLK
CSN
MOSI
MISO
SBC
SPI SLAVE
MCU
SBC
IRQ
4.8.2.
Setup Requirements for the Slave SPI of SBC
For compatibility with the SBC SPI SLAVE, the following settings must be made in the MCU SPI MASTER:
•
Clock phase = 1 and clock polarity = 1. This is the default configuration (after MCU reset) implemented
via the CPHA and CPOL bits of the Z1_SPICLKCFG register respectively (Table 4.23).
•
SPI clock frequency calculated by the formula:
(
)
1
2
+
∗
=
CDIV
F
F
OSCH
SPICLK
Where CDIV is the clock divider value bit field in the Z1_SPICLKCFG register.
Note: For the SPI to operate within its valid speed range, the value programmed in CDIV must not be less than 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com