Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 111Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 112Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 113Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 114Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 115Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 116Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 117Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 118Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
115
January 26, 2016
4.8.3.
SPI Data Transfer Process
To start a transfer, the SPI SLAVE module must be enabled by setting the SPIEN bit in the Z1_SPICFG register
(Table 4.21) and then setting the clock period via the CDIV bit field in the Z1_SPICLKCFG register (Table 4.23).
The software then sets the SSN bit low, which enables the SPI SLAVE within the SBC. In addition, any necessary
interrupt source must be enabled. Note that the TX buffer (TxBUF) illustrated in Figure 4.5 is empty until the data
transfer has been started.
Upon expiration of the specified SSN set-up time period (see Table 1.16), the first byte to be transmitted is set up
by writing a data byte into the SPIDATA register. This will clear the TXEMPTY flag bit in the Z1_SPISTAT register
(Table 4.24). In the next system clock cycle, this byte is transferred into the shift register and this causes the
TXEMPTY and BUSY flag bits to be set in the Z1_SPISTAT register. This allows the user to place a second byte
into the TX buffer. The first byte is shifted out on the MOSI line and the SPI clock is generated.
Simultaneously, the MISO line is sampled and shifted in. Normally, the MISO line is sampled in the middle of a
transmitted bit. While the MOSI line changes its value at the same time as the SPI clock, there is a delay
regarding the MISO line as first the clock must be driven out of the chip into the connected SLAVE and then the
data must be driven back from the connected SLAVE. To relax the timing, especially for fast SPI clocks, the RX
data can be sampled at the end of a transmitted bit if configured via the SAMPLEPOS bit in the Z1_SPICFG
register.
When the complete byte has been shifted in and the RX buffer is empty, the byte is stored into the RX buffer at
the byte boundary and the RXFULL flag bit is set in the Z1_SPICFG register, signaling the end of the byte
transfer.
If the RX buffer is already full and the byte inside the RX buffer is not read in the same cycle, the byte currently
received is rejected (lost) and the RXOF flag bit is set in the Z1_SPISTAT register (Table 4.24).
Note: Because the SPI module operates in a full-duplex mode, a dummy byte must be placed into the TX buffer if
a byte must be read from the SLAVE without any WRITE to the SLAVE.
4.8.4.
Continuous SPI Data Streaming
When a new byte is written into TX buffer before the end of an active byte transfer, the transfer of the new byte
starts immediately after the actual transfer. This means that the BUSY flag bit in the Z1_SPISTAT register stays
active at the end of the first transmitted byte.
4.8.5.
Abrupt SPI Discontinuity
Since it can be possible that the software disables the SPI while a transfer is in progress (not recommended), a
byte could be present in the TX buffer indicated by a low value of the TXEMPTY flag bit in the Z1_SPISTAT
register. This byte can be removed from the TX buffer by writing a 1 to the CLRTXBUF bit of the Z1_SPISTAT
register as it would be transmitted when SPI is enabled again.
4.8.6.
Interrupts and Status Flags in the Z1_SPISTAT Register
There are five status flags available in the Z1_SPISTAT register. Only four of them can be enabled to drive the
interrupt lines as summarized below and in Table 4.24. The software is required to deal with interrupt events for
proper SPI operation. The BUSY flag is used to reflect the operation state of the SPI module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com