Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 146Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 147Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 148Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 149Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 150Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 151Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 152Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 153Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
150
January 26, 2016
Pin Name
Position
Purpose
Mode
Description
SENSORS INTERFACE
S_P
29
Analog
Output
Positive supply for sensors (5V)
S_N
(4)
26
Analog
Output
Negative supply for sensors (0V)
AIN1
(5)
28
Analog
Input
General purpose ADC input
AIN2
(5)
27
Analog
Input
General purpose ADC input
AIN3/TEMP1
(5)
23
Analog
In/Out
General purpose ADC input/temperature
sensor input
AIN4/TEMP2
(5)
25
Analog
In/Out
General purpose ADC input/temperature
sensor input
ACTUATORS INTERFACE
HB1a
13
Analog
Output
Output of half-bridge driver 1
HB1b
3
HB2a
1
Analog
Output
Output of half-bridge driver 2
HB2b
16
HB3
61
Analog
Output
Output of half-bridge driver 3
HB4
21
Analog
Output
Output of half-bridge driver 4
HS1a
6
Analog
Output
Output of high-side switch 1
HS1b
10
HS2
9
Analog
Output
Output of high-side switch 2
HS3
14
Analog
Output
Output of high-side switch 3
HS4
57
Analog
Output
Output of high-side switch 4
EC_M
59
Analog
Output
Output for EC mirror control
EC_RES
60
Analog
Input
Connection to external resistor for EC
COMMUNICATION INTERFACE
LIN
55
Analog
In/Out
LIN bus
GPIO0
(5)
44
Digital
In/Out
General purpose I/O pin
GPIO1
(5)
43
Digital
In/Out
General purpose I/O pin
GPIO2
(5)
42
Digital
In/Out
General purpose I/O pin
GPIO3
(5)
41
Digital
In/Out
General purpose I/O pin
GPIO4
(5)
40
Digital
In/Out
General purpose I/O pin
GPIO5
(5)
39
Digital
In/Out
General purpose I/O pin
GPIO6
(5)
38
Digital
In/Out
General purpose I/O pin
GPIO7
(5)
37
Digital
In/Out
General purpose I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com