Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 147Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 148Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 149Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 150Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 151Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 152Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 153Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 154Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
151
January 26, 2016
Pin Name
Position
Purpose
Mode
Description
TEST INTERFACE
TEST
50
Digital
In
Global test enable pin; connect this pin to
GND in application
TRSTN
49
Digital
In
JTAG low-active reset
TCK
48
Digital
In
JTAG clock
TMS
47
Digital
In
JTAG mode select
TDO
46
Digital
Out
JTAG data out pin
TDI
45
Digital
In
JTAG data in pin
STO
52
Digital
Out
SBC test data out; leave this pin open in
the application
n.c.
18,19,
22,36,63
-
-
Not bonded package pins; connect them to
ground
(1)
The ground connections of the ZAMC4100 on the PCB should be separated into three specific planes for ground decoupling and
better noise immunity:
•
Analog ground: VSSA, S_N, CAP_5V0 (ground plate)
•
Digital ground: VSSD1, VSSD2, VSS_IO, VSS_LIN, CAP_3V3 (ground plate), CAP_1V8 (ground plate), CAP_MCU (ground
plate)
•
Power ground: VSS1 to 5
All three ground planes must be connected to pin 65 (ZAMC4100 exposed pad), which must be a single common GND point on
the PCB.
(2)
In the application, the exposed pad (pin 65) must be connected to ground.
(3)
Do not supply any external circuitry via these pins.
(4)
If the S_N pin is not used for supplying sensors, it must be connected to the GND rail on the PCB.
(5)
All unused ADC inputs (pins AIN1 to 4) and GPIO ports (pins GPIO0 to 7) can be left open or grounded for better EMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com