Electronic Components Datasheet Search
  English  ▼

X  

ADM1062 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1062
Description  Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1062 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1062 Datasheet HTML 12Page - Analog Devices ADM1062 Datasheet HTML 13Page - Analog Devices ADM1062 Datasheet HTML 14Page - Analog Devices ADM1062 Datasheet HTML 15Page - Analog Devices ADM1062 Datasheet HTML 16Page - Analog Devices ADM1062 Datasheet HTML 17Page - Analog Devices ADM1062 Datasheet HTML 18Page - Analog Devices ADM1062 Datasheet HTML 19Page - Analog Devices ADM1062 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADM1062
Preliminary Technical Data
Rev. PrJ | Page 16 of 32
expected supervisory range limits (though not above 6V as this
would violate the absolute maximum ratings on these pins). For
instance a 1.5V supply connected to the VX1 pin would
correctly read out as an ADC code of approximately 3/4 Full
scale but would always sit above any supervisory limits that
could be set on that pin.
It is not possible to set REFIN to higher than 2.048V.
VXN PINS AS DIGITAL INPUTS
As outlined previously, the VXn inputs pins on the ADM1062
have dual functionality. The second function is as a digital input
to the device. Thus, the ADM1062 can be configured to have up
to five digital inputs. These inputs are TTL/CMOS compatible.
Standard logic signals can be applied to the pins: RESET from
reset generators, PWRGOOD signals, fault flags, manual resets,
and so on. These signals are available as inputs to the SE, and so
can be used to control the status of the PDO’s. The inputs can
be configured to detect either a change in level or an edge.
When configured for level detect, the output of the digital block
is simply a buffered version of the input. When configured for
edge detect, once the logic transition is detected, a pulse of
programmable width is outputted from the digital block. The
width is programmable from 0µs to a maximum of 100µs. The
digital blocks feature the same glitch filter function available on
the SFD’s. This enables the user to ignore spurious transitions
on the inputs. For example, the filter can be used to debounce a
manual reset switch. When configured as digital inputs, each of
the VXn pins has a weak (10µA) pull-down current source
available for placing the input in a known condition, even if left
floating. The current source, if selected, weakly pulls the input
to GND.
Figure 25. VXn Digital Input Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com