Electronic Components Datasheet Search
  English  ▼

X  

ADM1062 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1062
Description  Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1062 Datasheet(HTML) 3 Page - Analog Devices

  ADM1062 Datasheet HTML 1Page - Analog Devices ADM1062 Datasheet HTML 2Page - Analog Devices ADM1062 Datasheet HTML 3Page - Analog Devices ADM1062 Datasheet HTML 4Page - Analog Devices ADM1062 Datasheet HTML 5Page - Analog Devices ADM1062 Datasheet HTML 6Page - Analog Devices ADM1062 Datasheet HTML 7Page - Analog Devices ADM1062 Datasheet HTML 8Page - Analog Devices ADM1062 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Preliminary Technical Data
ADM1062
Rev. PrJ | Page 3 of 32
GENERAL DESCRIPTION
(continued from Page 1)
In addition to these functions the ADM1062 integrates a 12-bit
ADC and six 8-bit voltage output DACs. These circuits can be
used to implement a closed loop margining system. This
enables supply adjustment by altering either the feedback node
or reference of a DC/DC Converter using the DAC outputs. The
supply margining can be performed, with a minimum of
external components, to an accuracy of 0.5%. The margining
loop can be used at In Circuit Testing of a board during
production (to verify the board’s functionality at say −5% of
nominal supplies), or can be used dynamically to accurately
control the output voltage of a DC/DC converter.
The device also provides up to ten programmable inputs for
monitoring Under, Over, or out-of-window faults on up to ten
supplies. In addition, ten programmable outputs are provided.
These can be used as logic enables. Six of them can also provide
up to a +12V output for driving the gate of an N- Channel FET
which may be placed in the path of a supply.
Temperature measurement is possible with the ADM1062. The
device contains one internal temperature sensor and a
differential input for a remote thermal diode. These are
measured using the 12- bit ADC.
The logical core of the device is a Sequencing Engine. This is a
state machine based construction, providing up to 63 different
states. This enables very flexible sequencing of the outputs,
based on the condition of the inputs.
The device is controlled via configuration data which can
programmed into an EEPROM. All of this configuration can be
programmed using an intuitive GUI based software package
provided by ADI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com