Electronic Components Datasheet Search
  English  ▼

X  

ADM1062 Datasheet(PDF) 30 Page - Analog Devices

Part # ADM1062
Description  Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1062 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADM1062 Datasheet HTML 24Page - Analog Devices ADM1062 Datasheet HTML 25Page - Analog Devices ADM1062 Datasheet HTML 26Page - Analog Devices ADM1062 Datasheet HTML 27Page - Analog Devices ADM1062 Datasheet HTML 28Page - Analog Devices ADM1062 Datasheet HTML 29Page - Analog Devices ADM1062 Datasheet HTML 30Page - Analog Devices ADM1062 Datasheet HTML 31Page - Analog Devices ADM1062 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADM1062
Preliminary Technical Data
Rev. PrJ | Page 30 of 32
EEPROM address. This is illustrated in Figure 43.
Figure 43. Setting An EEPROM Address
Note for page erasure that as a page consists of 32 bytes
only the three MSB’s of the address low byte are important.
The lower 5 bits of the EEPROM address low byte only
specify addresses within a page and are ignored during an
erase operation.
3.
Write a single byte of data to EEPROM. In this case the
command byte is the high byte of the EEPROM address
from F8h to FBh. The first data byte is the low byte of the
EEPROM address and the second data byte is the actual
data. This is illustrated in Figure 44
Figure 44. Single Byte Write To EEPROM
Block Write
In this operation the master device writes a block of data to a
slave device. The start address for a block write must previously
have been set. In the case of the ADM1062 this is done by a
Send Byte operation to set a RAM address or a Write Byte/Word
operation to set an EEPROM address.
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by
the write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends a command code that tells the slave
device to expect a block write. The ADM1062 command
code for a block write is FCh (11111100).
5.
The slave asserts ACK on SDA.
6.
The master sends a data byte that tells the slave device how
many data bytes will be sent. The SMBus specification
allows a maximum of 32 data bytes to be sent in a block
write.
7.
The slave asserts ACK on SDA.
8.
The master sends N data bytes.
9.
The slave asserts ACK on SDA after each data byte.
10. The master asserts a STOP condition on SDA to end the
transaction.
Figure 45. Block Write To EEPROM Or RAM
Unlike some EEPROM devices which limit block writes to
within a page boundary, there is no limitation on the start
address when performing a block write to EEPROM, except:
1.
There must be at least N locations from the start address to
the highest EEPROM address (FBFFh), to avoiding writing
to invalid addresses.
2.
If the addresses cross a page boundary, both pages must be
erased before programming.
Note that the ADM1062 features a clock extend function for
writes to EEPROM. Programming an EEPROM byte takes
approximately 250µs, which would limit the SMBus clock for
repeated or block write operations. The ADM1062 pulls SCL
low and extends the clock pulse when it cannot accept any more
data.
ADM1062 READ OPERATIONS
The ADM1062 uses the following SMBus read protocols:
Receive Byte
In this operation the master device receives a single byte
from a slave device, as follows:
1.
The master device asserts a START condition on SDA.
2.
The master sends the 7-bit slave address followed by the
read bit (high).
3.
The addressed slave device asserts ACK on SDA.
4.
The master receives a data byte.
5.
The master asserts NO ACK on SDA.
6.
The master asserts a STOP condition on SDA and the
transaction ends.
In the ADM1062, the receive byte protocol is used to read a
single byte of data from a RAM or EEPROM location whose
address has previously been set by a send byte or write
byte/word operation. This is illustrated in Figure 46.
Figure 46. Single Byte Read From EEPROM Or RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com