Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 10 Page - Analog Devices

Part # AD4680
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD4680 Datasheet HTML 6Page - Analog Devices AD4680 Datasheet HTML 7Page - Analog Devices AD4680 Datasheet HTML 8Page - Analog Devices AD4680 Datasheet HTML 9Page - Analog Devices AD4680 Datasheet HTML 10Page - Analog Devices AD4680 Datasheet HTML 11Page - Analog Devices AD4680 Datasheet HTML 12Page - Analog Devices AD4680 Datasheet HTML 13Page - Analog Devices AD4680 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 10 of 33
Figure 9. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5, 14, 16
GND
Ground Reference Point. GNDs are the ground reference points for all circuitry on the device.
2
VLOGIC
Logic Interface Supply Voltage, 1.65 V to 3.6 V. Decouple VLOGIC to GND with a 1 µF capacitor.
3
REGCAP
Decoupling Capacitor Pin for Voltage Output from Internal Regulator. Decouple REGCAP to GND with a 1 µF capacitor. The
voltage at REGCAP is 1.9 V typical.
4
VCC
Power Supply Input Voltage, 3.0 V to 3.6 V. Decouple VCC to GND using a 1µF capacitor.
6, 7
AIND−, AIND+
Analog Inputs of ADC D. The AIND− and AIND+ analog inputs form a pseudo differential pair. AIND− is typically connected to
VREF/2, and the AIND+ voltage range is from 0 V to VREF.
8, 9
AINC−, AINC+
Analog Inputs of ADC C. The AINC− and AINC+ analog inputs form a pseudo differential pair. AINC− is typically connected to
VREF/2, and the AINC+ voltage range is from 0 V to VREF.
10, 11
AINB-, AINB+
Analog Inputs of ADC B. The AINB− and AINB+ analog inputs form a pseudo differential pair. AINB− is typically connected to
VREF/2, and the AINB+ voltage range is from 0 V to VREF.
12, 13
AINA−, AINA+
Analog Inputs of ADC A. The AINA− and AINA+ analog inputs form a pseudo differential pair. AINA− is typically connected to
VREF/2, and the AINA+ voltage range is from 0 V to VREF.
15
REFCAP
Decoupling Capacitor Pin for Band Gap Reference. Decouple REFCAP to GND with a 0.1 µF capacitor. The voltage at REFCAP
is 2.5 V typical.
17
REFIO
Reference Input and Output. The on-chip reference of 2.5 V is available as an output on REFIO for external use if the device is
configured accordingly. Alternatively, an external reference of 2.5 V to 3.3 V can be input to REFIO. Set the REFSEL bit in the
CONFIGURATION1 register to 1 when using the external reference and apply the REFSEL bit after VCC and VLOGIC. Decoupling
is required on REFIO for both the internal and external reference options. Apply a 1 µF capacitor from REFIO to GND.
18
CS
Chip Select Input. Active low, logic input CS provides the dual function of initiating conversions on the AD7383-4 and the
AD7384-4 and framing the serial data transfer.
19
SDOA
Serial Data Output A. SDOA functions as a serial data output pin to access the conversion results and register contents.
20
SDOB
Serial Data Output B. SDOB functions as a serial data output pin to access the conversion results.
21
SDI
Serial Data Input. SDI provides the data written to the on-chip control registers.
22
SCLK
Serial Clock Input. SCLK is for data transfers to and from the ADC.
23
SDOC
Serial Data Output C. SDOC functions as a serial data output pin to access the conversion results and register contents.
24
SDOD/ALERT
Serial Data Output D/Alert Indication Output. SDOD/ALERT can operate as a serial data output pin or alert indication output.
SDOD functions as a serial data output pin to access the conversion results.
ALERT operates as an alert pin going low to indicate that a conversion result has exceeded a configured threshold.
Not applicable
EPAD
Exposed Pad. For correct operation of the device, the exposed pad must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com