Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 14 Page - Analog Devices

Part # AD4680
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD4680 Datasheet HTML 10Page - Analog Devices AD4680 Datasheet HTML 11Page - Analog Devices AD4680 Datasheet HTML 12Page - Analog Devices AD4680 Datasheet HTML 13Page - Analog Devices AD4680 Datasheet HTML 14Page - Analog Devices AD4680 Datasheet HTML 15Page - Analog Devices AD4680 Datasheet HTML 16Page - Analog Devices AD4680 Datasheet HTML 17Page - Analog Devices AD4680 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
TERMINOLOGY
analog.com
Rev. 0 | 14 of 33
Differential Nonlinearity (DNL)
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. It is often specified in
terms of resolution for which no missing codes are guaranteed.
Integral Nonlinearity (INL)
INL is the deviation of each individual code from a line drawn from
negative full scale through positive full scale. The point used as
negative full scale occurs ½ LSB before the first code transition.
Positive full scale is defined as a level 1½ LSB beyond the last
code transition. The deviation is measured from the middle of each
code to the true straight line.
Gain Error
The first transition (from 100 … 000 to 100 …001) occurs at a level
½ LSB above nominal negative full scale. The last transition (from
011 … 110 to 011 … 111) occurs for an analog voltage 1½ LSB
below the nominal full scale. The gain error is the deviation of the
difference between the actual level of the last transition and the
actual level of the first transition from the difference between the
ideal levels.
Gain Error Drift
The gain error change due to a temperature change of 1°C.
Gain Error Matching
Gain error matching is the difference in negative full-scale error
between the input channels and the difference in positive full-scale
error between the input channels.
Zero Error
Zero error is the difference between the ideal midscale voltage, 0 V,
and the actual voltage producing the midscale output code, 0 LSB.
Zero Error Temperature Drift
Zero error temperature drift is the zero error change due to a
temperature change of 1°C.
Zero Error Match
Zero error match is the difference in zero error between the input
channels.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the RMS value of the actual input signal to
the RMS sum of all other spectral components below the Nyquist
frequency, excluding harmonics and DC. The value for SNR is
expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels, between the RMS amplitude of
the input signal and the peak spurious signal.
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the first five harmonic compo-
nents to the RMS value of a full-scale input signal and is expressed
in decibels.
Signal-to-Noise and Distortion (SINAD) Ratio
SINAD is the ratio of the RMS value of the actual input signal to
the RMS sum of all other spectral components that are less than
the Nyquist frequency, including harmonics but excluding DC. The
value for SINAD is expressed in decibels.
Common-Mode Rejection Ratio (CMRR)
CMRR is the ratio of the power in the ADC output at the frequen-
cy, f, to the power of a 200 mV p-p sine wave applied to the
common-mode voltage of AINx+ and AINx− of f. CMRR is expressed
in decibels.
CMRR=10logPADC_IN/PADC_OUT
where:
PADC_IN is the common-mode power at the f applied to the AINx+
and AINx− inputs.
PADC_OUT is the power at the f in the ADC output.
Aperture Delay
Aperture delay is the measure of the acquisition performance and
is the time between the falling edge of the CS input and when the
input signal is held for a conversion.
Aperture Jitter
Aperture jitter is the variation in aperture delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com