Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 3 Page - Analog Devices

Part # AD4680
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 3 Page - Analog Devices

  AD4680 Datasheet HTML 1Page - Analog Devices AD4680 Datasheet HTML 2Page - Analog Devices AD4680 Datasheet HTML 3Page - Analog Devices AD4680 Datasheet HTML 4Page - Analog Devices AD4680 Datasheet HTML 5Page - Analog Devices AD4680 Datasheet HTML 6Page - Analog Devices AD4680 Datasheet HTML 7Page - Analog Devices AD4680 Datasheet HTML 8Page - Analog Devices AD4680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 33
VCC = 3.0 V to 3.6 V, VLOGIC = 1.65 V to 3.6 V, reference voltage (VREF) external = 2.5 V to 3.3 V, sampling frequency (fSAMPLE) = 4 MSPS, TA =
−40°C to +125°C, and no oversampling enabled, unless otherwise noted. SDOA, SDOB, SDOC, and SDOD are connected with a 100 Ω series
resistor.
Table 2. AD7383-4
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
THROUGHPUT
Conversion Rate
4
MSPS
DC ACCURACY
No Missing Codes
16
Bits
Differential Nonlinearity (DNL)
Error
−0.9
±0.6
+0.9
LSB
Integral Nonlinearity (INL) Error
External reference
−3.8
±1.4
+3.8
LSB
Internal reference
±1.7
Gain Error
External reference = 3.3 V
−0.07
±0.02
+0.07
% FS1
Internal reference = 2.5 V
±0.02
Gain Error Drift
−2
±0.3
+2
ppm/°C
Gain Error Match
±0.03
+0.08
% FS1
Zero Error
External reference
−1.1
±0.05
+1.1
mV
Internal reference
±0.15
Zero Error Temperature Drift
−5
±1
+5
μV/°C
Zero Error Match
±0.2
+1.2
mV
AC ACCURACY
Input frequency (fIN) = 1 kHz
Dynamic Range
VREF = 3.3 V (external)
87
dB
Internal reference = 2.5 V
86
dB
Oversampled Dynamic Range
OSR = 4×, RES = 1 (decimal)
92.5
dB
Signal-to-Noise Ratio (SNR)
VREF = 3.3 V (external), VCC = 3.3 V
82.9
86.7
dB
Internal reference = 2.5 V
85.1
dB
Rolling average OSR = 8×, RES = 1 (decimal),
external reference
94.7
dB
fIN = 100 kHz,VREF = 3.3 V (external)
85.5
dB
Spurious-Free Dynamic Range
(SFDR)
100
dB
Total Harmonic Distortion (THD)
VREF = 3.3 V (external)
−98
dB
fIN = 100 kHz
−90
dB
Signal-to-Noise and Distortion
(SINAD)
VREF = 3.3 V (external)
83.3
86.4
dB
Internal reference
84.6
dB
Channel to Channel Isolation
−110
dB
POWER SUPPLIES
VCC Current (IVCC)
Normal mode (operational)
39.3
43
mA
Power Dissipation
Total Power (PTOTAL)
169
186.6
mW
VCC Power (PVCC)
Normal mode (operational)
141.5
154.8
mW
1 These specifications include full temperature range variation, but they do not include the error contribution from the external reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com